전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS7231-7234 데이터시트(PDF) 4 Page - LSI Computer Systems

부품명 LS7231-7234
상세설명  TOUCH CONTROL LAMP DIMMER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSI [LSI Computer Systems]
홈페이지  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7231-7234 데이터시트(HTML) 4 Page - LSI Computer Systems

  LS7231-7234 Datasheet HTML 1Page - LSI Computer Systems LS7231-7234 Datasheet HTML 2Page - LSI Computer Systems LS7231-7234 Datasheet HTML 3Page - LSI Computer Systems LS7231-7234 Datasheet HTML 4Page - LSI Computer Systems LS7231-7234 Datasheet HTML 5Page - LSI Computer Systems LS7231-7234 Datasheet HTML 6Page - LSI Computer Systems LS7231-7234 Datasheet HTML 7Page - LSI Computer Systems LS7231-7234 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7231-4-032795-4
OFF
50°
100°
150°
OFF
50°
100°
150°
OFF
50°
100°
150°
OFF
50°
100°
150°
SENS
LS7231
LS7232
LS7233
LS7234
SHORT
LONG
TS2
TS1
SHORT
341ms
LONG
SHORT
LONG
SAA
SBA
SAA
SBA
SAA
SBA
SLOPE = SAA
SLOPE = SBA
A0
A1
A1
A2
A2
B2
B2
B1
B2
B1
MEMORY
REVERSE
MEMORY
MEMORY
SBA = 1.4° per four SYNC CYCLES, 15 steps total for A1 to B1 or B2 to A2
SAA = 1.4° per two SYNC CYCLES, 68 steps total for A0 to A1 or A2 to A0
A0
A0
A0
SAA
SAA
SAA
SAA
SAA
SAA
A2
A2
A2
SBA
SBA
B2
B1
B1
B2
B2
B2
B1
SBA
SBA
SAA
SAA
SBA
SBA
A0
B1 B2
A0
SAA
A1
A1
A2
A1
B2
MEMORY
FIGURE 2. TRIG OUTPUT CONDUCTION ANGLE, Ø, VS SENS INPUT


유사한 부품 번호 - LS7231-7234

제조업체부품명데이터시트상세설명
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
   TOUCH CONTROL LAMP DIMMER
More results

유사한 설명 - LS7231-7234

제조업체부품명데이터시트상세설명
logo
LSI Computer Systems
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
   TOUCH CONTROL LAMP DIMMER
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
   TOUCH CONTROL LAMP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7237 LSI-LS7237 Datasheet
43Kb / 4P
   TOUCH CONTROL LAMP STEP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
   TOUCH DIMMER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com