전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7938BCP-6 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7938BCP-6
상세설명  8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7938BCP-6 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7938BCP-6 Datasheet HTML 3Page - Analog Devices AD7938BCP-6 Datasheet HTML 4Page - Analog Devices AD7938BCP-6 Datasheet HTML 5Page - Analog Devices AD7938BCP-6 Datasheet HTML 6Page - Analog Devices AD7938BCP-6 Datasheet HTML 7Page - Analog Devices AD7938BCP-6 Datasheet HTML 8Page - Analog Devices AD7938BCP-6 Datasheet HTML 9Page - Analog Devices AD7938BCP-6 Datasheet HTML 10Page - Analog Devices AD7938BCP-6 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD7938-6
Rev. 0 | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DB0
1
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
DB1
2
DB2
3
DB3
4
DB4
5
DB5
6
DB6
7
DB7
8
VIN1
24
VIN0
23
VREFIN/VREFOUT
22
AGND
21
20
19
WR
18
CONVST
17
AD7938-6
TOP VIEW
(Not to Scale)
RD
CS
PIN 1
IDENTIFIER
Figure 2. Pin Configuration
Table 4. Pin Function Description
Pin No
Mnemonic
Function
1 to 8
DB0 to DB7
Data Bits 0 to 7. Three-state parallel digital I/O pins that provide the conversion result and also allow the control
and shadow registers to be programmed. These pins are controlled by CS, RD, and WR. The logic high/low
voltage levels for these pins are determined by the VDRIVE input.
9
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the parallel interface of
the AD7938-6 operates. This pin should be decoupled to DGND. The voltage at this pin may be different to that
at VDD but should never exceed VDD by more than 0.3 V.
10
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7938-6. This pin should
connect to the DGND plane of a system. The DGND and AGND voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis.
11
DB8/HBEN
Data Bit 8/High Byte Enable. When W/B is high, this pin acts as Data Bit 8, a three-state I/O pin that is controlled
by CS, RD, and WR. When W/B is low, this pin acts as the high byte enable pin. When HBEN is low, the low byte
of data being written to or read from the AD7938-6 is on DB0 to DB7. When HBEN is high, the top four bits of
the data being written to or read from the AD7938-6 are on DB0 to DB3. When reading from the device, DB4
to DB6 of the high byte contains the ID of the channel to which the conversion result corresponds (see the
channel address bits in Table 8). When writing to the device, DB4 to DB7 of the high byte must be all 0s.
12 to 14
DB9 to DB11
Data Bits 9 to 11. Three-state parallel digital I/O pins that provide the conversion result and also allow the
control and shadow registers to be programmed in word mode. These pins are controlled by CS, RD, and WR.
The logic high/low voltage levels for these pins are determined by the VDRIVE input.
15
BUSY
Busy Output. Logic output indicating the status of the conversion. The BUSY output goes high following the
falling edge of CONVST and stays high for the duration of the conversion. Once the conversion is complete and
the result is available in the output register, the BUSY output goes low. The track-and-hold returns to track
mode just prior to the falling edge of BUSY on the 13th rising edge of SCLK, see Figure 35.
16
CLKIN
Master Clock Input. The clock source for the conversion process is applied to this pin. Conversion time for
the AD7938-6 takes 13 clock cycles + t2. The frequency of the master clock input therefore determines the
conversion time and achievable throughput rate. The CLKIN signal may be a continuous or burst clock.
17
CONVST
Conversion Start Input. A falling edge on CONVST is used to initiate a conversion. The track-and-hold goes from
track to hold mode on the falling edge of CONVST and the conversion process is initiated at this point. Following
power-down, when operating in autoshutdown or autostandby modes, a rising edge on CONVST is used to
power-up the device.
18
WR
Write Input. Active low logic input used in conjunction with CS to write data to the internal registers.
19
RD
Read Input. Active low logic input used in conjunction with CS to access the conversion result. The conversion
result is placed on the data bus following the falling edge of RD read while CS is low.
20
CS
Chip Select. Active low logic input used in conjunction with RD and WR to read conversion data or to write data
to the internal registers.


유사한 부품 번호 - AD7938BCP-6

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7938BCP AD-AD7938BCP Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938BCPZ AD-AD7938BCPZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938BCPZ AD-AD7938BCPZ Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7938BCPZ-6 AD-AD7938BCPZ-6 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938BCPZ-6REEL7 AD-AD7938BCPZ-6REEL7 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
More results

유사한 설명 - AD7938BCP-6

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7934-6 AD-AD7934-6 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com