전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8319-EVAL 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8319-EVAL
상세설명  1 MHz to 10 GHz, 40 dB Log Detector/Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8319-EVAL 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8319-EVAL Datasheet HTML 6Page - Analog Devices AD8319-EVAL Datasheet HTML 7Page - Analog Devices AD8319-EVAL Datasheet HTML 8Page - Analog Devices AD8319-EVAL Datasheet HTML 9Page - Analog Devices AD8319-EVAL Datasheet HTML 10Page - Analog Devices AD8319-EVAL Datasheet HTML 11Page - Analog Devices AD8319-EVAL Datasheet HTML 12Page - Analog Devices AD8319-EVAL Datasheet HTML 13Page - Analog Devices AD8319-EVAL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8319
Rev. 0 | Page 10 of 20
THEORY OF OPERATION
The AD8319 is a 5-stage demodulating logarithmic amplifier,
specifically designed for use in RF measurement and power
control applications at frequencies up to 10 GHz. A block diagram
is shown in Figure 21. Sharing much of its design with the AD8318
logarithmic detector/controller, the AD8319 maintains tight
intercept variability vs. temperature over a 40 dB range. Additional
enhancements over the AD8318, such as reduced RF burst
response time of 8 ns to 10 ns, 22 mA supply current, and board
space requirements of only 2 mm x 3 mm add to the low cost
and high performance benefits found in the AD8319.
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
IV
VOUT
VSET
CLPF
TADJ
VPSO
COMM
IV
Figure 21. Block Diagram
A fully differential design, using a proprietary, high speed
SiGe process, extends high frequency performance. Input INHI
receives the signal with a low frequency impedance of
nominally 500 Ω in parallel with 0.7 pF. The maximum input
with ±1 dB log-conformance error is typically 0 dBm (re: 50 Ω).
The noise spectral density referred to the input is 1.15 nV/√Hz,
which is equivalent to a voltage of 118 μV rms in a 10.5 GHz
bandwidth or a noise power of −66 dBm (re: 50 Ω). This noise
spectral density sets the lower limit of the dynamic range.
However, the low end accuracy of the AD8319 is enhanced by
specially shaping the demodulating transfer characteristic to
partially compensate for errors due to internal noise. The
common pin, COMM, provides a quality low impedance
connection to the printed circuit board (PCB) ground. The
package paddle, which is internally connected to the COMM
pin, should also be grounded to the PCB to reduce thermal
impedance from the die to the PCB.
The logarithmic function is approximated in a piecewise
fashion by five cascaded gain stages. (For a more comprehensive
explanation of the logarithm approximation, please refer to the
AD8307 data sheet, available at www.analog.com.) The cells
have a nominal voltage gain of 9 dB each and a 3 dB bandwidth
of 10.5 GHz. Using precision biasing, the gain is stabilized over
temperature and supply variations. The overall dc gain is high
due to the cascaded nature of the gain stages. An offset
compensation loop is included to correct for offsets within the
cascaded cells. At the output of each of the gain stages, a square-
law detector cell is used to rectify the signal.
The RF signal voltages are converted to a fluctuating differential
current having an average value that increases with signal level.
Along with the five gain stages and detector cells, an additional
detector is included at the input of the AD8319, providing a
40 dB dynamic range in total. After the detector currents are
summed and filtered, the following function is formed at the
summing node:
ID × log10(VIN/VINTERCEPT)
where:
ID is the internally set detector current.
VIN is the input signal voltage.
VINTERCEPT is the intercept voltage (that is, when VIN = VINTERCEPT,
the output voltage would be 0 V, if it were capable of going to 0 V).


유사한 부품 번호 - AD8319-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8319-EVALZ AD-AD8319-EVALZ Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. A
AD8319-EVALZ AD-AD8319-EVALZ Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
More results

유사한 설명 - AD8319-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. A
AD8317 AD-AD8317 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 50 dB Log Detector/Controller
REV. 0
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
   1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
ADL5519 AD-ADL5519_17 Datasheet
3Mb / 39P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
ADL5519 AD-ADL5519 Datasheet
654Kb / 27P
   1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
Rev. PrB
ADL5519 AD-ADL5519_08 Datasheet
3Mb / 40P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com