전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8389ACPZ 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD8389ACPZ
상세설명  Triple, 6-Channel LCD Timing Delay-Locked Loop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8389ACPZ 데이터시트(HTML) 5 Page - Analog Devices

  AD8389ACPZ Datasheet HTML 1Page - Analog Devices AD8389ACPZ Datasheet HTML 2Page - Analog Devices AD8389ACPZ Datasheet HTML 3Page - Analog Devices AD8389ACPZ Datasheet HTML 4Page - Analog Devices AD8389ACPZ Datasheet HTML 5Page - Analog Devices AD8389ACPZ Datasheet HTML 6Page - Analog Devices AD8389ACPZ Datasheet HTML 7Page - Analog Devices AD8389ACPZ Datasheet HTML 8Page - Analog Devices AD8389ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD8389
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC =
NO CONNECT
AD8389
TOP VIEW
(Not to Scale)
48-LEAD LFCSP
7mm
× 7mm
AVSS
1
MONITRI
2
MONITGI
3
MONITBI
4
AVDD
5
DXRO
ENBX1RO
ENBX2RO
ENBX3RO
ENBX4RO
36
35
34
33
32
AVSS
6
VCONTR
7
AVDD
8
AVSS
9
VCONTG 10
CLXRO
DXGO
ENBX1GO
ENBX2GO
ENBX3GO
31
30
29
28
27
VCONTB 11
ENBX4GO
26
AVSS 12
CLXGO
25
PIN 1
INDICATOR
Figure 3. 48-Lead LFCSP, 7 mm × 7 mm Pin Configuration
Table 3. Pin Function Descriptions
Mnemonic
Function
Description
AVDD, DRVDD
Power Supply
Power Supply.
AVSS, DRVSS
Ground
Ground.
CLK
Clock
Clock Input. Active edge is the rising edge.
COMPEDGE
Edge Select
When set HIGH, the phase detector compares the falling edge of DXIN with the rising edge of
MONITxI. When set LOW, the phase detector compares the rising edge of DXIN with the falling
edge of MONITxI.
SLOW
Delay Select
When set HIGH and COMPEDGE = HIGH, the delay between the falling edges of DXI and the
rising edges of MONITI is maintained at 9/(fCLK) + t4. The delay is maintained at 26/(fCLK) + t4 when
COMPEDGE = LOW. When set LOW and COMPEDGE = HIGH, the delay between the falling edges
of DXI and the rising edges of MONITI is maintained at 15/(fCLK) + t4. The delay is maintained at
32/(fCLK) + t4 with COMPEDGE = LOW.
DXI
Reference Input
LCD Timing Input from the Image Processor. Used as the input to all phase detectors.
CLXI
Input
LCD Timing Input from the Image Processor.
ENBX(1–4)I
Inputs
LCD Timing Inputs from the Image Processor.
MONITxI
Feedback Inputs
Inputs from the LCD. Used as the feedback input to each phase detector. When the AD8389
forms part of a closed loop, it maintains a constant delay between the DXI input and this
reference input pin.
DXxO
Delayed Outputs
CLXxO
Delayed Outputs
ENBX(1–4)xO
Delayed Outputs
VCONTx
Control Voltage
200 pF capacitors connected between these pins and the AVSS plane are required for proper
operation of the internal charge pump.


유사한 부품 번호 - AD8389ACPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8389 AD-AD8389 Datasheet
262Kb / 12P
   Triple, 6-Channel LCD Timing Delay-Locked Loop
REV. 0
AD8389 AD-AD8389_15 Datasheet
262Kb / 12P
   Triple, 6-Channel LCD Timing Delay-Locked Loop
REV. 0
More results

유사한 설명 - AD8389ACPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8389 AD-AD8389_15 Datasheet
262Kb / 12P
   Triple, 6-Channel LCD Timing Delay-Locked Loop
REV. 0
logo
National Semiconductor ...
LMX3305 NSC-LMX3305 Datasheet
213Kb / 24P
   Triple Phase Locked Loop for RF Personal Communications
LMX3305 NSC-LMX3305_09 Datasheet
627Kb / 26P
   Triple Phase Locked Loop for RF Personal Communications
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com