전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8648ARZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8648ARZ
상세설명  Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8648ARZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8648ARZ Datasheet HTML 3Page - Analog Devices AD8648ARZ Datasheet HTML 4Page - Analog Devices AD8648ARZ Datasheet HTML 5Page - Analog Devices AD8648ARZ Datasheet HTML 6Page - Analog Devices AD8648ARZ Datasheet HTML 7Page - Analog Devices AD8648ARZ Datasheet HTML 8Page - Analog Devices AD8648ARZ Datasheet HTML 9Page - Analog Devices AD8648ARZ Datasheet HTML 10Page - Analog Devices AD8648ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8648
Rev. 0 | Page 7 of 12
–40
–20
0
20
40
60
80
10k
100k
1M
10M
100M
FREQUENCY (Hz)
0
45
90
135
180
225
270
VDD = 5V
RL = 1k
CL = 10pF
ФM = 74°
PHASE
GAIN
Figure 9. Open-Loop Gain and Phase vs. Frequency
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100k
1M
10M
FREQUENCY (Hz)
VDD = 5V
VIN = 4.9V p-p
AV = 1
RL = 10k
TA = 25°C
Figure 10. Maximum Output Swing vs. Frequency
0.1
1
10
100
1000
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
AV = 100
AV = 10
AV = 1
Figure 11. Closed-Loop Output Impedance vs. Frequency
VDD = 5V
TA = 25°C
80
60
40
10k
100k
1M
100
20
1k
10M
FREQUENCY (Hz)
Figure 12. Common-Mode Rejection Ratio vs. Frequency
VDD = 5V
TA = 25°C
80
60
40
10k
100k
1M
100
0
20
1k
10M
FREQUENCY (Hz)
PSRR+
PSRR–
Figure 13. Power Supply Rejection Ratio vs. Frequency
VDD = 2.7V TO 5V
TA = 25°C
100
10
100
1k
1000
1
10
10k
FREQUENCY (Hz)
Figure 14. Voltage Noise Density vs. Frequency


유사한 부품 번호 - AD8648ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8648ARZ AD-AD8648ARZ Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8648ARZ AD-AD8648ARZ Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8648ARZ AD-AD8648ARZ Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648ARZ-REEL AD-AD8648ARZ-REEL Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8648ARZ-REEL AD-AD8648ARZ-REEL Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
More results

유사한 설명 - AD8648ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8063 AD-AD8063_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8061 AD-AD8061_05 Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8648 AD-AD8648_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com