전자부품 데이터시트 검색엔진 |
|
PZU14B3 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
PZU14B3 데이터시트(HTML) 5 Page - NXP Semiconductors |
5 / 12 page PZUXB_SER_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 01 — 7 March 2006 5 of 12 Philips Semiconductors PZUxB series Single Zener diodes in a SOD323F package Table 9. Characteristics per type; PZU6.2B to PZU36B Tj =25 °C unless otherwise specified. PZU xxx Sel Working voltage VZ (V); IZ =5mA Maximum differential resistance rdif (Ω) Reverse current IR (nA) Temperature coefficient SZ (mV/K); IZ =5mA Diode capacitance Cd (pF)[1] Non-repetitive peak reverse current IZSM (A)[2] Min Max IZ = 0.5 mA IZ =5mA Max VR (V) Typ Max Max 6.2 B 5.86 6.53 80 30 500 3 2.7 250 5.5 B1 5.86 6.12 B2 6.06 6.33 B3 6.26 6.53 6.8 B 6.47 7.14 60 20 500 3.5 3.4 215 5.5 B1 6.47 6.73 B2 6.65 6.93 B3 6.86 7.14 7.5 B 7.06 7.84 60 10 500 4 4.0 170 3.5 B1 7.06 7.36 B2 7.28 7.60 B3 7.52 7.84 8.2 B 7.76 8.64 60 10 500 5 4.6 150 3.5 B1 7.76 8.10 B2 8.02 8.36 B3 8.28 8.64 9.1 B 8.56 9.55 60 10 500 6 5.5 120 3.5 B1 8.56 8.93 B2 8.85 9.23 B3 9.15 9.55 10 B 9.45 10.55 60 10 100 7 6.4 110 3.5 B1 9.45 9.87 B2 9.77 10.21 B3 10.11 10.55 11 B 10.44 11.56 60 10 100 8 7.4 108 3 B1 10.44 10.88 B2 10.76 11.22 B3 11.10 11.56 12 B 11.42 12.60 80 10 100 9 8.4 105 3 B1 11.42 11.90 B2 11.74 12.24 B3 12.08 12.60 13 B 12.47 13.96 80 10 100 10 9.4 103 2.5 B1 12.47 13.03 B2 12.91 13.49 B3 13.37 13.96 14 B2 13.70 14.30 80 10 100 11 10.4 101 2 |
유사한 부품 번호 - PZU14B3 |
|
유사한 설명 - PZU14B3 |