전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA5051 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA5051
상세설명  FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA5051 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA5051 Datasheet HTML 7Page - Texas Instruments TPA5051 Datasheet HTML 8Page - Texas Instruments TPA5051 Datasheet HTML 9Page - Texas Instruments TPA5051 Datasheet HTML 10Page - Texas Instruments TPA5051 Datasheet HTML 11Page - Texas Instruments TPA5051 Datasheet HTML 12Page - Texas Instruments TPA5051 Datasheet HTML 13Page - Texas Instruments TPA5051 Datasheet HTML 14Page - Texas Instruments TPA5051 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
FRAME DELAY REGISTERS (0x06, 0x0E)
RJ PACKET LENGTH REGISTERS (0x07, 0x0F)
TPA5051
SLOS497A – JUNE 2006 – REVISED JULY 2006
Table 4. Audio Delay Registers (0x02–0x05, 0x0A–0x0D)(1)
D13
D12
D11–D2
D1
D0
FUNCTION
0
0
0
0
0
Left and Right audio is passed to output with no delay.
0
0
0
0
1
Left and Right audio is delayed by 1 sample (1/Fs = delay time)
1
1
1
1
1
Left and Right audio is delayed by 4095 samples (4095/Fs = delay time)
(1)
Default values are in bold.
This register can be used to specify delay in video frames instead of audio samples. When the MSB is set to 1,
the audio delay registers (0x01–0x04) are bypassed and the Frame Delay Register is used to set the delay
based on the frame rate (D6), audio sample rate (D5–D3), and number of frames to delay (D2–D0).
The total audio delay time is calculated by the following formula:
Audio Delay (in samples) = int [# Delay Frames
× (1/Frame Rate) × Audio Sample Rate]
If the result of the formula above is greater than the maximum number of delay samples (4095 for TPA5051),
then the value is limited to this maximum before passing to the delay block.
Table 5. Frame Delay Registers (0x06, 0x0E)(1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
Settings in this register are masked and audio delay is determined by
settings in the right/left audio delay registers.
1
Right/left audio delay registers are masked and delay is determined by settings in
this register.
0
Frame rate = 50 Hz
1
Frame rate = 59.94 Hz
0
0
0
Audio sample rate = 32 kHz
0
0
1
Audio sample rate = 44.1 kHz
0
1
0
Audio sample rate = 48 kHz
0
1
1
Audio sample rate = 88.2 kHz
1
0
0
Audio sample rate = 96 kHz
1
0
1
Audio sample rate = 176.4 kHz
1
1
0
Audio sample rate = 192 kHz
1
1
1
Audio sample rate = 192 kHz
0
0
0
Delay frames = 1
0
0
1
Delay frames = 2
1
1
1
Delay frames = 8
(1)
Default values are in bold.
This register is only used in right justified mode. The decimal value of bits [5:0] represents the width of the
useable data in a right justified audio stream. The number of BCLK transitions between LRCLK transitions must
be greater than or equal to the packet length selected in this register. The maximum packet length value is 24
bits. Any setting greater whose numerical value is greater than 24 bits is limited to the maximum 24 bits.
Table 6. RJ Package Length (0x07, 0x0F)(1)
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
Packet length = 0 bits
0
0
0
0
0
1
Packet length = 1 bits
0
1
1
X
X
X
Packet length = 24 bits
(1)
Default values are in bold.
11
Submit Documentation Feedback


유사한 부품 번호 - TPA5051

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA5051RSAR TI-TPA5051RSAR Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051RSARG4 TI-TPA5051RSARG4 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051RSAT TI-TPA5051RSAT Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051RSATG4 TI-TPA5051RSATG4 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

유사한 설명 - TPA5051

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26904 NJRC-NJU26904 Datasheet
208Kb / 18P
   Digital Audio Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com