전자부품 데이터시트 검색엔진 |
|
TPA5051RSAT 데이터시트(PDF) 10 Page - Texas Instruments |
|
|
TPA5051RSAT 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 19 page www.ti.com SERIAL CONTROL INTERFACE REGISTER SUMMARY CONTROL REGISTER (0x01, 0x09) AUDIO DELAY REGISTERS (0x02–0x05, 0x0A–0x0D) TPA5051 SLOS497A – JUNE 2006 – REVISED JULY 2006 Table 2. Serial Control Register Summary REGISTER REGISTER NAME NO. OF CONTENTS INITIALIZATION BYTES VALUE 0x01(1) Control Register 1 Description shown in subsequent section 00 0x02(1) Right Delay Upper (5 bits) 1 Description shown in subsequent section 00 0x03(1) Right Delay Lower (8 bits) 1 Description shown in subsequent section 00 0x04(1) Left Delay Upper (5 bits) 1 Description shown in subsequent section 00 0x05(1) Left Delay Lower (8 bits) 1 Description shown in subsequent section 00 0x06(1) Frame Delay 1 Description shown in subsequent section 00 0x07(1) RJ Packet Length 1 Description shown in subsequent section 00 0x08(1) Complete Update 1 Description shown in subsequent section 00 0x09(2) Control Register 1 Description shown in subsequent section 00 0x0A(2) Right Delay Upper (5 bits) 1 Description shown in subsequent section 00 0x0B(2) Right Delay Lower (8 bits) 1 Description shown in subsequent section 00 0x0C(2) Left Delay Upper (5 bits) 1 Description shown in subsequent section 00 0x0D(2) Left Delay Lower (8 bits) 1 Description shown in subsequent section 00 0x0E(2) Frame Delay 1 Description shown in subsequent section 00 0x0F(2) RJ Packet Length 1 Description shown in subsequent section 00 0x10(2) Complete Update 1 Description shown in subsequent section 00 (1) I2C registers for serial data channel 1 (2) I2C registers for serial data channel 2 The control register allows the user to mute a specific audio channel. It is also used to specify the data type (I2S, Right-Justified, or Left-Justified). Table 3. Control Registers (0x01, 0x09)(1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 0 X X X X – – Left and Right channel are active. 0 1 X X X X – – Left channel is MUTED. 1 0 X X X X – – Right channel is MUTED. 1 1 X X X X – – Left and Right channel are MUTED. – – X X X X 0 0 I2S data format – – X X X X 0 1 Right-justified data format (see PACKET LENGTH register 0x07) – – X X X X 1 0 Left-justified data format – – X X X X 1 1 Bypass mode – data is passed straight through without delay. (1) Default values are in bold. The audio delay for the left and right channels is fixed by writing a total of 13 bits (2 byte transfer) to upper and lower registers as specified in Table 1. A multiple byte transfer should be performed starting with the control register and following with 4 bytes to fill the upper and lower registers associated with right/left channel delay. The decimal value of D0–D13 equals the number of samples to delay. The maximum number of delayed samples per channel is 4095 for the TPA5051. This equates to 85.3 ms ([4095 × (1/Fs)] at 48 kHz) of delay per channel. 10 Submit Documentation Feedback |
유사한 부품 번호 - TPA5051RSAT |
|
유사한 설명 - TPA5051RSAT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |