전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2005 데이터시트(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 TSC2005
상세설명  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2005 데이터시트(HTML) 4 Page - Burr-Brown (TI)

  TSC2005 Datasheet HTML 1Page - Burr-Brown (TI) TSC2005 Datasheet HTML 2Page - Burr-Brown (TI) TSC2005 Datasheet HTML 3Page - Burr-Brown (TI) TSC2005 Datasheet HTML 4Page - Burr-Brown (TI) TSC2005 Datasheet HTML 5Page - Burr-Brown (TI) TSC2005 Datasheet HTML 6Page - Burr-Brown (TI) TSC2005 Datasheet HTML 7Page - Burr-Brown (TI) TSC2005 Datasheet HTML 8Page - Burr-Brown (TI) TSC2005 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
www.ti.com
TSC2005
SBAS379 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
At T
A = –40°C to +85°C, SNSVDD = VREF = +1.6V to +3.6V, I/OVDD = +1.2V to +3.6V, unless otherwise noted.
TSC2005
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
SNSVDD(5)
Specified performance
1.6
3.6
V
I/OVDD(6)
1.2
SNSVDD
V
With filter, M = 15, W = 7, PSM = 1, C[3:0] = (0,0,0,0),
RM = 1, CL[1:0] = (0,1), M[1:0] = (1,1), W[1:0] = (1,0),
383
µA
MAVEX = 1, MAVEY = 1, MAVEZ = 1, SNSVDD = 1.6V,
I/OVDD = 1.6V, fADC = 2MHz, fSCLK = 10MHz
Bypass filter, M = W = 1, PSM = 1, C[3:0] = (0,0,0,0),
RM = 1, CL[1:0] = (0,1), M[1:0] = (0,0), W[1:0] = (0,0),
361
µA
Quiescent supply current(7)
MAVEX = 1, MAVEY = 1, MAVEZ = 1, SNSVDD = 1.6V,
I/OVDD = 1.6V, fADC = 2MHz, fSCLK = 10MHz
Non-cont. AUX mode SNSVDD = 1.6V, I/OVDD = 1.6V,
481
µA
fADC = 2MHz, fSCLK = 10MHz
Non-cont. AUX mode SNSVDD = 3.0V, I/OVDD = 1.6V,
943
µA
fADC = 2MHz, fSCLK = 10MHz
Power down supply current
CS high, SCLK = 0
0
0.8
µA
(5)
TSC2005 functions down to 1.4V, typically.
(6)
I/OVDD must be
≤ SNSVDD.
(7)
Supply current from SNSVDD.
4
Submit Documentation Feedback


유사한 부품 번호 - TSC2005

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005I BURR-BROWN-TSC2005I Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005IYZLR BURR-BROWN-TSC2005IYZLR Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005IYZLT BURR-BROWN-TSC2005IYZLT Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

유사한 설명 - TSC2005

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com