전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CRD4525 데이터시트(PDF) 3 Page - Cirrus Logic

부품명 CRD4525
상세설명  2 x 15 W Digital Amplifier Reference Design
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD4525 데이터시트(HTML) 3 Page - Cirrus Logic

  CRD4525 Datasheet HTML 1Page - Cirrus Logic CRD4525 Datasheet HTML 2Page - Cirrus Logic CRD4525 Datasheet HTML 3Page - Cirrus Logic CRD4525 Datasheet HTML 4Page - Cirrus Logic CRD4525 Datasheet HTML 5Page - Cirrus Logic CRD4525 Datasheet HTML 6Page - Cirrus Logic CRD4525 Datasheet HTML 7Page - Cirrus Logic CRD4525 Datasheet HTML 8Page - Cirrus Logic CRD4525 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DS726RD1
3
CRD4525
1. SYSTEM OVERVIEW
The CRD4525 reference design is an excellent means for evaluating the CS4525 30 W digital TV amplifier with in-
tegrated ADC. Analog and digital audio input signal interfaces are provided, an on-board microcontroller and USB
PC interface is used for easily configuring the CS4525’s internal registers, and a USB cable is included for use with
the FlexGUI Windows configuration software.
The CRD4525 schematic set is shown in Figure 6 through Figure 9.
1.1
Power
A 80 W OEM switching-mode power supply is included to power the CRD4525. The power supply provides
+18 V to the CS4525 power stages, and an on-board buck-converter and regulator provide power to the
logic-level digital circuitry.
Power must be supplied from the included power supply to the CRD4525 via the power connector J3 (see
the System Connections table on page 13).
1.2
CS4525 Digital TV Amplifier
A complete description of the CS4525 is included in the CS4525 product data sheet.
The required configuration settings of the CS4525 are achieved via its control port registers, accessible
through the CS4525 tab of the Cirrus Logic FlexGUI software. A register-level configuration interface is pro-
vided on the Register Maps tab. See the “PC Software Control” section on page 6 for more information.
1.3
CS8416 Digital Audio Receiver
A complete description of the CS8416 receiver (Figure 8 on page 16) and a discussion of the digital audio
interface are included in the CS8416 data sheet.
The CS8416 converts the input S/PDIF data stream into PCM data and clocks for the CS4525. The CS8416
operates in master mode and can provide PCM data in Left-Justified, I²S, Right-Justified 16-bit, and Right-
Justified 24-bit interface formats.
The most common operations of the CS8416 may be controlled via the S/PDIF Input Controls tab in the GUI
software application. Advanced options are accessible through the CS8416 sub-tab on the Register Maps
tab of the Cirrus Logic FlexGUI software.
1.4
System Clocking
A 24.576 MHz parallel resonant crystal, Y1, is available to provide a clock source to the CS4525. The crystal
is mounted in pin sockets, allowing easy removal or replacement. Alternatively, an input SYS_CLK signal
can be provided on pin 3 of the serial audio input header (J2).
1.5
External Data Headers
The evaluation board has been designed to allow interfacing with external systems via the headers J2, J4,
and J11. Figure 6 shows the headers’ electrical connections.
The 12-pin, 3 column header, J2, provides access to the CS4525’s serial audio input and SYS_CLK input
signals. Place shunts across the SCLK, LRCK, and SDIN pins located in the columns labeled “S/PDIF” to
connect to the on-board S/PDIF digital interface receiver circuitry. To use an external digital audio source,
simply remove the shunts and connect a ribbon across the SCLK, LRCK, and SDIN pins located in the col-
umns labeled “EXT SAI”. A single ground column for the ribbon cable’s ground connection is provided to
maintain signal integrity.


유사한 부품 번호 - CRD4525

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CRD4525 CIRRUS-CRD4525 Datasheet
336Kb / 22P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CRD4525 CIRRUS-CRD4525 Datasheet
1Mb / 91P
   30 W Digital TV Amplifier with Integrated ADC
CRD4525 CIRRUS-CRD4525 Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CRD4525-D1 CIRRUS-CRD4525-D1 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
CRD4525-D1 CIRRUS-CRD4525-D1 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
More results

유사한 설명 - CRD4525

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CRD4412 CIRRUS-CRD4412 Datasheet
558Kb / 15P
   2 x 15 W Digital Power Stage Reference Design
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
   20 W x 2 40 W x 1 PWM Amplifier Reference Design
CRD35L01 CIRRUS-CRD35L01 Datasheet
434Kb / 14P
   1 x 1.7 W CS35L01 Amplifier Reference Design Kit
CRD44600 CIRRUS-CRD44600 Datasheet
1Mb / 32P
   Stereo 100 W PWM Amplifier Reference Design
logo
List of Unclassifed Man...
RB-TK2019 ETC-RB-TK2019 Datasheet
408Kb / 11P
   2 X 20W CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD
logo
Cirrus Logic
CRD42L42 CIRRUS-CRD42L42 Datasheet
1Mb / 2P
   MFi Digital Headset Reference Design
logo
Texas Instruments
TAS5102 TI-TAS5102_1 Datasheet
1Mb / 25P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
NXP Semiconductors
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
   2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8946AJ NXP-TDA8946AJ Datasheet
405Kb / 20P
   2 x 15 W BTL audio amplifier with DC gain control
Rev. 01-01 March 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com