부품명
         상세내용
BUX81

 HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR ( 2 Page)


SEME-LAB
100% 
Zoom Out Zoom In
   
 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)CEO
V(BR)CER
VCE(sat)*
VBE(sat)*
ICES
IEBO
fT
Cobo
ton
ts
tf
BUX81
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IC = 100mA
IB = 0
IC = 100mA
RBE = 50Ω
IB = 0
IC = 5A
IB = 1.0A
IC = 8A
IB = 2.5A
IC = 5A
IB = 1.0A
IC = 8A
IB = 2.5A
VCE = 1000V
VBE = 0
TC = +125°C
IC = 0
VEB = 10V
IC = 0.5A
VCE = 10V
IE = 0
VCB = 20V
IC = 5A
VCC = 250V
IB1 = 1A
IB2 = -2A
Collector - Emitter Breakdown
Voltage
Collector - Emitter Breakdown
Voltage
Collector – Emitter
Saturation Voltage
Base – Emitter
Saturation Voltage
Collector Cut-off Current
Emitter Cut-off Current
Transition Frequency
Output Capacitance f=100kHz
Turn–On Time
Storage Time
Fall Time
450
500
1.5
3.0
1.4
1.8
1
3
10
8
105
0.5
3.5
0.8
V
V
V
mA
mA
MHz
pF
µs
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
Rth j-mb
Thermal Resistance Junction to Case
1.65
°C/W
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5865
Issue 1
1  2 



관련 부품명

부품명상세내용Html View제조사
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
2SC2525Silicon High Speed Power Transistor 1 2 Fujitsu Component Limited.
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
2N6251High Voltage NPN Silicon Power Transistors 1 2 3 4 5 MoreMotorola, Inc
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
EMF5XV6T5Power Management Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
2SC2335NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING 1 2 3 4 5 MoreNEC
BRF610NPN LOW NOISE SILICON MICROWAVE TRANSISTOR 1 2 3 4 List of Unclassifed Manufacturers
BSS76HIGH VOLTAGE PNP SILICON TRANSISTOR 1 2 Seme LAB
CIL351NPN SILICON PLANAR TRANSISTORS 1 2 3 Continental Device India Limited