전자부품 데이터시트 검색엔진 |
|
MC1408-8D 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
MC1408-8D 데이터시트(HTML) 2 Page - NXP Semiconductors |
2 / 10 page Philips Semiconductors Product data MC1408-8 8-bit multiplying D/A converter 2 2001 Aug 03 853-0935 26835 DESCRIPTION The MC1408-8 is an 8-bit monolithic digital-to-analog converter which provides high-speed performance with low cost. It is designed for use where the output current is a linear product of an 8-bit digital word and an analog reference voltage. FEATURES • Fast settling time: 70 ns (typ) • Relative accuracy ±0.19% (max error) • Non-inverting digital inputs are TTL and CMOS compatible • High-speed multiplying rate 4.0 mA/µs (input slew) • Output voltage swing +0.5 V to –5.0 V • Standard supply voltages +5.0 V and –5.0 V to –15 V APPLICATIONS • Tracking A-to-D converters • 2 1/2-digit panel meters and DVMs • Waveform synthesis • Sample-and-Hold • Peak detector • Programmable gain and attenuation • CRT character generation • Audio digitizing and decoding • Programmable power supplies • Analog-digital multiplication • Digital-digital multiplication • Analog-digital division • Digital addition and subtraction • Speech compression and expansion • Stepping motor drive modems • Servo motor and pen drivers PIN CONFIGURATIONS N Package D Package1 NC GND VEE COMPEN TOP VIEW 1 2 3 4 5 6 7 8 9 10 11 12 13 14 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 16 15 VREF(–) IO MSB A1 A2 A3 A4 VREF(+) VCC A8 LSB A7 A6 A5 A1 MSB A2 A3 A4 A8 LSB A7 A6 A5 VREF(–) VREF(+) COMPEN NC GND V– IO V+ NOTE: 1. SO and non-standard pinouts. SL00048 Figure 1. Pin Configurations ORDERING INFORMATION DESCRIPTION TEMPERATURE RANGE ORDER CODE DWG # 16-Pin Plastic Dual In-Line Package (DIP) 0 °C to +70 °C MC1408-8N SOT38-4 16-Pin Small Outline (SO) Package 0 °C to +70 °C MC1408-8D SOT109-1 |
유사한 부품 번호 - MC1408-8D |
|
유사한 설명 - MC1408-8D |