전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB5550 데이터시트(PDF) 6 Page - Cirrus Logic

부품명 CDB5550
상세설명  Evaluation Board and Software
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5550 데이터시트(HTML) 6 Page - Cirrus Logic

Back Button CDB5550 Datasheet HTML 2Page - Cirrus Logic CDB5550 Datasheet HTML 3Page - Cirrus Logic CDB5550 Datasheet HTML 4Page - Cirrus Logic CDB5550 Datasheet HTML 5Page - Cirrus Logic CDB5550 Datasheet HTML 6Page - Cirrus Logic CDB5550 Datasheet HTML 7Page - Cirrus Logic CDB5550 Datasheet HTML 8Page - Cirrus Logic CDB5550 Datasheet HTML 9Page - Cirrus Logic CDB5550 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
CDB5550
6
1.3 Power Supply
Power is supplied to the CDB5550 via two binding posts, +5 V (J2) and GND (J3). The +5 V supply powers
the analog core of the CS5550 and the internal regulator of the microcontroller. The microcontroller reg-
ulator outputs a +3.3 V supply which is used to power the microcontroller as well as various other logic
blocks.
The digital core of the CS5550 is powered from the regulated +3.3 V supply. However, the CDB5550 can
easily be modified to run the digital supply of the CS5550 at +5 V by removing R8 and populating R9 with
a 0 ohm resistor.
2. SOFTWARE
The evaluation board comes with software and a USB cable to link the evaluation board to the PC. The
software is designed to run under Windows 98TM or later. After installing the software, read the readme.txt
file for any last minute updates or changes.
2.1 Installation Procedure
The CDB5550 comes with an auto-booting CD that contains the required software to interface to the eval-
uation board. To install the software, place the CD into the CDROM drive and follow the on-screen instruc-
tions. The user will be prompted to select the destination for the installed program.
2.2 Using the Software
Before launching the software, the user should set up the CDB5550 evaluation board, select the proper
jumper settings as described in Section 1, and connect the board to an open USB port on the PC using
the provided cable. Once the board is powered on, the user can start the software program.
2.2.1 Start-Up Window
When the software is launched, the Start-Up window will appear. This window contains information con-
cerning the software’s title, revision number, copyright date, etc. See Figure 1.
Figure 1. CDB5550 Start-Up Screen


유사한 부품 번호 - CDB5550

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
   Low Power, 20-Bit A/D Converter
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5511 CIRRUS-CDB5511 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5512 CIRRUS-CDB5512 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5513 CIRRUS-CDB5513 Datasheet
2Mb / 22P
   Evaluation Board and Software
More results

유사한 설명 - CDB5550

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
   Evaluation Board and Software
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
   Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
   Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
   Evaluation Board and Software
CDB5521 CIRRUS-CDB5521 Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5532U CIRRUS-CDB5532U Datasheet
818Kb / 22P
   CDB5532U Evaluation Board and Software
logo
Texas Instruments
TMP102EVM TI-TMP102EVM Datasheet
1Mb / 26P
[Old version datasheet]   TMP102EVM Evaluation Board and Software Tutorial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com