전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB8416 데이터시트(PDF) 5 Page - Cirrus Logic

부품명 CDB8416
상세설명  Evaluation Board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8416 데이터시트(HTML) 5 Page - Cirrus Logic

  CDB8416 Datasheet HTML 1Page - Cirrus Logic CDB8416 Datasheet HTML 2Page - Cirrus Logic CDB8416 Datasheet HTML 3Page - Cirrus Logic CDB8416 Datasheet HTML 4Page - Cirrus Logic CDB8416 Datasheet HTML 5Page - Cirrus Logic CDB8416 Datasheet HTML 6Page - Cirrus Logic CDB8416 Datasheet HTML 7Page - Cirrus Logic CDB8416 Datasheet HTML 8Page - Cirrus Logic CDB8416 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CDB8416
DS578DB2
5
1.7
LED Function Indicators
Several LEDs are provided to indicate board func-
tions. D9 indicates that power is present to the
VD+/VA+ section of the CS8416 and CS8406.
D11, D12, and D13 indicate the status of the
NV/RERR, AUDIO, and 96 kHz output of the
CS8416 in Hardware Mode. See the CS8416 data
sheet for an explanation of the conditions that acti-
vate each of these outputs.
2. CONFIGURATION SETTINGS
CONNECTOR
INPUT/OUTPUT
SIGNAL PRESENT
J3 (+5V)
Input
+5 Volt Supply for supporting circuitry
J4 (GND)
Input
Ground connection from power supply
J5 (VL+)
Input
+3.3 to 5.0 Volt Digital Logic power for the CS8416 and CS8406
J6 (VD+/VA+)
Input
+3.3 Volt VD+/VA+ when not using the onboard regulator
J9, J16, J21
Input
Digital Audio Interface coaxial input
OPT1-OPT4
Input
Digital Audio Interface optical input
J2
Input
Digital Audio Interface XLR input
J1
Input/Output
Parallel port for connection to parallel port of PC
J20
Output
Digital Audio Interface optical output
J19
Output
Digital Audio Interface coaxial output
J10
Output
Digital Audio Interface XLR output
J18
Input/Output
I/O for CS8416 and CS8406 PCM data and clocks
Table 1. System Connections
JUMPER
PURPOSE
POSITION
FUNCTION SELECTED
J7
Selects between using a separate supply for
VL+ or using the +5 Supply.
ADJUST
+5V
Uses J5 to supply from +3.3V to +5.0V for VL+ Uses
J3 to supply +5V for VL+
J8
Selects between using a separate supply for
VD+/VA+ or using the onboard +3.3V regulator.
REG
ADJUST
Uses the onboard +3.3V regulator for VD+/VA+
Uses J6 to provide the +3.3V supply for VD+/VA+
J12
Current measurement for CS8416 VA+
CLOSED
OPEN
Normal operation
Use J13 to measure CS8416 VA+ current
J13
Current measurement for CS8416 VD+
CLOSED
OPEN
Normal operation
Use J12 to measure CS8416 VD+ current
J17
Current measurement for CS8416 VL+
CLOSED
OPEN
Normal operation
Use J16 to measure CS8416 VL+ current
J14
Current measurement for CS8406 VD+
CLOSED
OPEN
Normal operation
Use J14 to measure CS8406 VD+ current
J15
Current measurement for CS8406 VL+
CLOSED
OPEN
Normal operation
Use J15 to measure CS8406 VL+ current
J11
Selects between coaxial or XLR output
XLR
COAX
Selects XLR output on J10
Selects coaxial output on J19
Table 2. CDB8416 Jumper Settings


유사한 부품 번호 - CDB8416

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB8416 CIRRUS-CDB8416 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CDB8416 CIRRUS-CDB8416 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CDB8416 CIRRUS-CDB8416 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
More results

유사한 설명 - CDB8416

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com