전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ649 데이터시트(PDF) 4 Page - NEC

부품명 2SJ649
상세설명  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

2SJ649 데이터시트(HTML) 4 Page - NEC

  2SJ649 Datasheet HTML 1Page - NEC 2SJ649 Datasheet HTML 2Page - NEC 2SJ649 Datasheet HTML 3Page - NEC 2SJ649 Datasheet HTML 4Page - NEC 2SJ649 Datasheet HTML 5Page - NEC 2SJ649 Datasheet HTML 6Page - NEC 2SJ649 Datasheet HTML 7Page - NEC 2SJ649 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D16332EJ1V0DS
4
2SJ649
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
–2
–3
–4
–80
–60
–40
–20
0
–1
Pulsed
VGS = –10 V
–5
–4.0 V
–4.5 V
VDS - Drain to Source Voltage - V
Pulsed
–1
–2
–3
–4
–5
VDS = –10 V
–10
–1
–0.1
–100
–0.01
TA =
−55˚C
25˚C
75˚C
125˚C
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
VDS = –10 V
ID = –1 mA
–1.0
–2.0
–3.0
–50
0
50
100
0
150
–4.0
Tch - Channel Temperature -
°C
–0.01
–0.1
–1
10
100
–10
–100
0.1
1
Pulsed
VDS = –10 V
TA = 125˚C
75˚C
25˚C
−55˚C
0.01
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
–1
–0.1
120
100
80
60
40
20
0
–10
–100
Pulsed
VGS = –4.0 V
–4.5 V
–10 V
ID - Drain Current - A
0
10
20
30
40
50
60
70
80
0
- 2
- 4
- 6
- 8
- 10 - 12 - 14 - 16 - 18 - 20
Pulsed
ID =
−10 A
VGS - Gate to Source Voltage - V


유사한 부품 번호 - 2SJ649

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SJ649 RENESAS-2SJ649 Datasheet
210Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ649 RENESAS-2SJ649_15 Datasheet
210Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
More results

유사한 설명 - 2SJ649

제조업체부품명데이터시트상세설명
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com