전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5020RR 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 CS5020RR
상세설명  DES/3DES Encryption/Decryption Cores
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

CS5020RR 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

  CS5020RR Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5020RR Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5020RR Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5020RR Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5020RR Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5020RR Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5020RR Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5020RR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Optimized for
7
TM
PROGRAMMABLE LOGIC CORES
For ASIC prototyping or for projects requiring the fast time-to-market of a programmable logic solution, Amphion
programmable logic core offer the silicon-aware performance tuning found in all Amphion products, combined with the rapid
design times offered by today’s leading programmable logic solutions.
Cycles per operation for the CS5010-40 cores are 16, 8, 4 and 1 respectively
Note: Speed grade = -3
Cycles per operation for the CS5010-40 cores are 16, 8, 4 and 1 respectively
Table 3: CS5010-40 DES/3DES Programmable Logic Cores using Actel Axcelerator
PRODUCT ID
SILICON
VENDOR
DEVICE
MAX.
FREQUENCY
(MHz)
DATA RATE
(MBits/Sec)
UTILIZATION
DEVICE
UTIL
AVAILABILITY
DES
3DES
R-CELLS
C-CELLS
CS5010RR
Actel
AX500
71
284
94
545
1151
22%
Now
CS5020RR
Actel
AX500
63
504
168
735
1715
31%
Now
CS5030RR
Actel
AX500
57
912
304
1213
3116
54%
Now
CS5040RR
Actel
AX1000
56
3584
1194
4162
7179
63%
Now
Table 4: CS5010-40 DES/3DES Programmable Logic Cores using Actel ProASICPlus
PRODUCT ID
SILICON
VENDOR
DEVICE
MAX.
FREQUENCY
(MHz)
DATA RATE
(MBits/Sec)
UTILIZATION
(Tiles)
DEVICE
UTIL
AVAILABILITY
DES
3DES
Combinatorial
Sequential
CS5010RQ
Actel
APA150
27
108
36
1923
510
40%
Now
CS5020RQ
Actel
APA150
27
216
72
2830
712
58%
Now
CS5030RQ
Actel
APA300
21
336
112
5253
1192
79%
Now
CS5040RQ
Actel
APA600
26
1664
554
11331
3926
71%
Now


유사한 부품 번호 - CS5020RR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CS5020RR ETC2-CS5020RR Datasheet
209Kb / 8P
   DES/3DES Encryption/Decryption Cores
More results

유사한 설명 - CS5020RR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CS5010-40 ETC2-CS5010-40 Datasheet
209Kb / 8P
   DES/3DES Encryption/Decryption Cores
logo
PHOENIX CONTACT
5603719 PHOENIX-5603719 Datasheet
76Kb / 3P
   VLC-DES-P
5605646 PHOENIX-5605646 Datasheet
76Kb / 3P
   VLC-DES-USB
5605670 PHOENIX-5605670 Datasheet
46Kb / 2P
   License - VLC-OEM-DES-USB
logo
Nanjing International G...
B5817PL DGNJDZ-B5817PL_V01 Datasheet
1Mb / 4P
   SOD-123FL Plastic-Encapsulate Dio des
logo
Harris Corporation
KGV-72 HARRIS-KGV-72 Datasheet
2Mb / 2P
   TYPE-1 PROGRAMMABLE ENCRYPTION DEVICE
logo
PHOENIX CONTACT
5604472 PHOENIX-5604472 Datasheet
45Kb / 2P
   License - VLC-OEM-DES-P
logo
STMicroelectronics
STM32L162VD STMICROELECTRONICS-STM32L162VD Datasheet
1Mb / 115P
   AES 128-bit encryption hardware accelerator
logo
List of Unclassifed Man...
TH7862CD ETC1-TH7862CD Datasheet
735Kb / 6P
   TABLEAU RESUME DES DTC MATRICIELS
logo
STMicroelectronics
STM32L162QC STMICROELECTRONICS-STM32L162QC Datasheet
1Mb / 128P
   AES-128 bit encryption hardware accelerator
March 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com