전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEF6890H 데이터시트(PDF) 46 Page - NXP Semiconductors

부품명 TEF6890H
상세설명  Car radio integrated signal processor
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6890H 데이터시트(HTML) 46 Page - NXP Semiconductors

Back Button TEF6890H Datasheet HTML 42Page - NXP Semiconductors TEF6890H Datasheet HTML 43Page - NXP Semiconductors TEF6890H Datasheet HTML 44Page - NXP Semiconductors TEF6890H Datasheet HTML 45Page - NXP Semiconductors TEF6890H Datasheet HTML 46Page - NXP Semiconductors TEF6890H Datasheet HTML 47Page - NXP Semiconductors TEF6890H Datasheet HTML 48Page - NXP Semiconductors TEF6890H Datasheet HTML 49Page - NXP Semiconductors TEF6890H Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
2003 Oct 21
46
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
11.2.16 SUBADDRESS 12H; MIX
Table 64 Format of data byte 12H with default setting
Table 65 Description of data byte 12H
11.2.17 SUBADDRESS 13H; BEEP
Table 66 Format of data byte 13H with default setting
Table 67 Description of data byte 13H
Table 68 Beep level
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MILF
MIRF
MILR
MIRR
MULF
MURF
MULR
MURR
00001111
BIT
SYMBOL
DESCRIPTION
7
MILF
Mixer left front LFOUT. 0 = no mix; 1 = mix with NAV input and BEEP.
6
MIRF
Mixer right front RFOUT. 0 = no mix; 1 = mix with NAV input and BEEP.
5
MILR
Mixer left rear LROUT. 0 = no mix; 1 = mix with NAV input and BEEP.
4
MIRR
Mixer right rear RROUT. 0 = no mix; 1 = mix with NAV input and BEEP.
3
MULF
Mutes left front LFOUT. 0 = no mute; 1 = mute except for NAV input and BEEP.
2
MURF
Mutes right front RFOUT. 0 = no mute; 1 = mute except for NAV input and BEEP.
1
MULR
Mutes left rear LROUT. 0 = no mute; 1 = mute except for NAV input and BEEP.
0
MURR
Mutes right rear RROUT. 0 = no mute; 1 = mute except for NAV input and BEEP.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BEL2
BEL1
BEL0
BEF1
BEF0
NAV
−−
000000
−−
BIT
SYMBOL
DESCRIPTION
7 to 5
BEL[2:0]
Beep level. See Table 68.
4 and 3
BEF[1:0]
Beep frequency. See Table 69.
2NAV
Mute NAV. 0 = mute; 1 = no mute.
1 and 0
Not used. Set to logic 0.
BEL2
BEL1
BEL0
BEEP LEVEL (mV)
000
mute
001
13
010
18
011
28
100
44
101
60
110
90
111
150


유사한 부품 번호 - TEF6890H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
More results

유사한 설명 - TEF6890H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com