전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HM6208H 데이터시트(Datasheet) 5 Page - Hitachi Semiconductor

부품명 HM6208H
상세내용  65,536-word ´ 4-bit High Speed CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo 

 
 5 page
background image
HM6208H Series
5
AC Characteristics (Ta = 0 to +70
°C, V
CC = 5 V ± 10%, unless otherwise noted)
Test Conditions
• Input pulse levels: V
SS to 3.0 V
• Input rise and fall time: 5 ns
• Input and output timing reference levels: 1.5 V
• Output load: See figure
Output Load
Output load (A)
Output load (B)
(tHZ, tLZ, tWZ, and tOW)
Note: 1. Including scope and jig
+ 5 V
480
30 pF *1
255
Dout
+ 5 V
480
5 pF *1
255
Dout
Read Cycle
HM6208H-25
HM6208H-35
HM6208H-45
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Read cycle time
t
RC
25
35
45
ns
Address access time
t
AA
—25
35
—45
ns
Chip select access time
t
ACS
—25
35
—45
ns
Output hold from address change
t
OH
5—
5—
5—
ns
Chip selection to output in low-Z
t
LZ
*1
5—
5—
5—
ns
Chip deselection to output in high-Z
t
HZ
*1
015
0
20
020
ns
Chip selection to power up time
t
PU
0—
0—
0—
ns
Chip deselection to power down time
t
PD
—15
25
—30
ns
Note:
1. Transition is measured
±200 mV from steady state voltage with load (B). These parameters are
sampled and not 100% tested.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KM62U256D32Kx8 bit Low Power and Low Voltage CMOS Static RAM 1 2 3 4 5 MoreSamsung semiconductor
PDM410281 Megabit Static RAM 256K x 4-Bit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NMC27C128BHigh Speed Version 131 072-Bit 16k x 8 UV Erasable CMOS PROM 1 2 3 4 5 MoreNational Semiconductor (TI)
IC62LV12816DL128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
TC5517CP-152.048 WORD X 8 BIT CMOS STATIC RAM 1 2 3 4 5 MoreToshiba Semiconductor
IS62LV12816BLL128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
XRD64L153.3V CMOS 10-Bit 20MSPS High Speed Analog-to-Digital Converter 1 2 3 4 5 MoreExar Corporation
CDM6116ACHigh-Reliability CMOS 2048-Word by 8-bit LSI Static RAM 1 2 3 4 5 List of Unclassifed Manufacturers
NJL6201R-1HIGH SPEED PIN PHOTO DIODE 1 2 3 4 5 MoreNew Japan Radio
NUP4202W1Low Capacitance SC−88 Diode−TVS Array for High Speed Data Lines Protection 1 2 3 4 5 MoreON Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl