전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL2843BP 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TL2843BP
상세설명  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL2843BP 데이터시트(HTML) 5 Page - Texas Instruments

  TL2843BP Datasheet HTML 1Page - Texas Instruments TL2843BP Datasheet HTML 2Page - Texas Instruments TL2843BP Datasheet HTML 3Page - Texas Instruments TL2843BP Datasheet HTML 4Page - Texas Instruments TL2843BP Datasheet HTML 5Page - Texas Instruments TL2843BP Datasheet HTML 6Page - Texas Instruments TL2843BP Datasheet HTML 7Page - Texas Instruments TL2843BP Datasheet HTML 8Page - Texas Instruments TL2843BP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
Reference Section Electrical Characteristics
Oscillator Section
(1) Electrical Characteristics
TL284xB, TL384xB
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
SLVS610A – AUGUST 2006 – REVISED SEPTEMBER 2006
V
CC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
TL384xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
MIN
TYP(2)
MAX
Output voltage
IO = 1 mA, TJ = 25°C
4.95
5
5.05
4.9
5
5.1
V
Line regulation
VCC = 12 V to 25 V
6
20
6
20
mV
Load regulation
IO = 1 mA to 20 mA
6
25
6
25
mV
Average temperature
0.2
0.4
0.2
0.4
mV/
°C
coefficient of output voltage
Output voltage, worst-case
VCC = 12 V to 25 V,
4.9
5.1
4.82
5.18
V
variation
IO = 1 mA to 20 mA
Output noise voltage
f = 10 Hz to 10 kHz, TJ = 25°C
50
50
µV
Output-voltage long-term drift After 1000 h at TJ = 25°C
5
25
5
25
mV
Short-circuit output current
–30
–100
–180
–30
–100
–180
mA
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
V
CC = 15 V
(2), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
TL384xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(3)
MAX
MIN
TYP(3)
MAX
TJ = 25°C, RT = 62 kΩ,
CT = 1 nF, Min = 225 kHz,
49
52
55
49
52
55
Initial accuracy
kHz
Max = 275 kHz
TJ = Full range
48
56
48
56
Voltage stability
VCC = 12 V to 25 V
0.2
1
0.2
1
%
Temperature stability
5
5
%
Amplitude
Peak to peak
1.7
1.7
V
TJ = 25°C, RT/CT = 2 V
7.8
8.3
8.8
7.8
8.3
8.8
Discharge current
mA
RT/CT = 2 V
7.5
8.8
7.6
8.8
(1)
Output frequency equals oscillator frequency for the TL3842B and TL3843B. Output frequency is one-half the oscillator frequency for the
TL3844B and TL3845B.
(2)
Adjust VCC above the start threshold before setting it to 15 V.
(3)
All typical values are at TJ = 25°C.
5
Submit Documentation Feedback


유사한 부품 번호 - TL2843BP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL2843BP TI-TL2843BP Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2843BP TI1-TL2843BP Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2843BPG4 TI1-TL2843BPG4 Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

유사한 설명 - TL2843BP

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com