전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA204-500C 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BTA204-500C
상세설명  Three quadrant triacs high commutation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204-500C 데이터시트(HTML) 2 Page - NXP Semiconductors

  BTA204-500C Datasheet HTML 1Page - NXP Semiconductors BTA204-500C Datasheet HTML 2Page - NXP Semiconductors BTA204-500C Datasheet HTML 3Page - NXP Semiconductors BTA204-500C Datasheet HTML 4Page - NXP Semiconductors BTA204-500C Datasheet HTML 5Page - NXP Semiconductors BTA204-500C Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA204 series B and C
high commutation
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance
full cycle
-
-
3.0
K/W
junction to mounting base
half cycle
-
-
3.7
K/W
R
th j-a
Thermal resistance
in free air
-
60
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BTA204-
...B
...C
I
GT
Gate trigger current
2
V
D = 12 V; IT = 0.1 A
T2+ G+
-
-
50
35
mA
T2+ G-
-
-
50
35
mA
T2- G-
-
-
50
35
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
-
30
20
mA
T2+ G-
-
-
45
30
mA
T2- G-
-
-
30
20
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
-
30
20
mA
V
T
On-state voltage
I
T = 5 A
-
1.4
1.7
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A;
0.25
0.4
-
V
T
j = 125 ˚C
I
D
Off-state leakage current
V
D = VDRM(max); Tj = 125 ˚C
-
0.1
0.5
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
UNIT
BTA204-
...B
...C
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max); Tj = 125 ˚C;
1000
1000
-
V/
µs
off-state voltage
exponential waveform; gate open circuit
dI
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 125 ˚C; IT(RMS) = 4 A;
6
3
-
A/ms
commutating current
dV
com/dt = 20V/µs; gate open circuit
t
gt
Gate controlled turn-on
I
TM = 12 A; VD = VDRM(max); IG = 0.1 A;
-
-
2
µs
time
dI
G/dt = 5 A/µs
2 Device does not trigger in the T2-, G+ quadrant.
December 1998
2
Rev 1.000


유사한 부품 번호 - BTA204-500C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA204-500D PHILIPS-BTA204-500D Datasheet
44Kb / 6P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA204-500D PHILIPS-BTA204-500D Datasheet
48Kb / 6P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA204-500E PHILIPS-BTA204-500E Datasheet
44Kb / 6P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA204-500E PHILIPS-BTA204-500E Datasheet
48Kb / 6P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA204-500F PHILIPS-BTA204-500F Datasheet
44Kb / 6P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
More results

유사한 설명 - BTA204-500C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com