전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM10DA151JO3-RHTR02 데이터시트(PDF) 7 Page - Sharma Electro Components,Inc

부품명 DM10DA151JO3-RHTR02
상세설명  MICA CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARMA [Sharma Electro Components,Inc]
홈페이지  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM10DA151JO3-RHTR02 데이터시트(HTML) 7 Page - Sharma Electro Components,Inc

Back Button DM10DA151JO3-RHTR02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM10DA151JO3-RHTR02 Datasheet HTML 11Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CAPACITANCE
VOLTAGE
VALUE in pF
300 V DC
100 V DC
50 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 12
C
6.86
4.83
2.79
15
C
6.86
4.83
3.05
18 - 20
C
6.86
5.08
3.05
22 - 24
C
6.86
5.08
3.05
6.86
4.83
3.05
27
E
6.86
5.08
3.30
6.86
4.83
3.05
30 - 33
E
6.86
5.08
3.30
6.86
5.08
3.05
36
E
6.86
5.33
3.30
6.86
5.08
3.05
39
E
6.86
5.33
3.30
6.86
5.08
3.05
6.86
4.83
3.05
43
E
6.86
5.33
3.56
6.86
5.08
3.05
6.86
4.83
3.05
47-51
E
6.86
5.33
3.56
6.86
5.08
3.30
6.86
4.83
3.05
56
E
6.86
5.59
3.81
6.86
5.08
3.30
6.86
4.83
3.05
62
E
6.86
5.59
3.81
6.86
5.33
3.30
6.86
5.08
3.05
68
E
6.86
5.59
3.81
6.86
5.33
3.56
6.86
5.08
3.05
75 - 82
E
6.86
5.84
4.06
6.86
5.33
3.56
6.86
5.08
3.05
91
F
6.86
5.84
4.32
6.86
5.33
3.56
6.86
5.08
3.30
100 - 110
F
6.86
6.10
4.57
6.86
5.59
3.81
6.86
5.08
3.30
120
F
6.86
6.35
4.83
6.86
5.59
4.06
6.86
5.08
3.30
130
F
6.86
5.84
4.06
6.86
5.33
3.30
150
F
6.86
5.84
4.32
6.86
5.33
3.56
160
F
6.86
5.84
4.32
6.86
5.33
3.56
170 - 180
F
6.86
6.10
4.57
6.86
5.33
3.56
200
F
6.86
6.35
4.83
6.86
5.59
3.81
220
F
6.86
5.59
3.81
240
F
6.86
5.59
4.06
270
F
6.86
5.84
4.06
300
F
6.86
5.84
4.32
330 - 360
F
6.86
6.10
4.57
390
F
6.86
6.35
4.83
CAPACITANCE
VOLTAGE
VALUE in pF
300 V DC
100 V DC
50 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 12
C
0.270
0.190
0.110
15
C
0.270
0.190
0.120
18 - 20
C
0.270
0.200
0.120
22 - 24
C
0.270
0.200
0.120
0.270
0.190
0.120
27
E
0.270
0.200
0.130
0.270
0.190
0.120
30 - 33
E
0.270
0.200
0.130
0.270
0.200
0.120
36
E
0.270
0.210
0.130
0.270
0.200
0.120
39
E
0.270
0.210
0.130
0.270
0.200
0.120
0.270
0.190
0.120
43
E
0.270
0.210
0.140
0.270
0.200
0.120
0.270
0.190
0.120
47-51
E
0.270
0.210
0.140
0.270
0.200
0.130
0.270
0.190
0.120
56
E
0.270
0.220
0.150
0.270
0.200
0.130
0.270
0.190
0.120
62
E
0.270
0.220
0.150
0.270
0.210
0.130
0.270
0.200
0.120
68
E
0.270
0.220
0.150
0.270
0.210
0.140
0.270
0.200
0.120
75 - 82
E
0.270
0.230
0.160
0.270
0.210
0.140
0.270
0.200
0.120
91
F
0.270
0.230
0.170
0.270
0.210
0.140
0.270
0.200
0.130
100 - 110
F
0.270
0.240
0.180
0.270
0.220
0.150
0.270
0.200
0.130
120
F
0.270
0.250
0.190
0.270
0.220
0.160
0.270
0.200
0.130
130
F
0.270
0.230
0.160
0.270
0.210
0.130
150
F
0.270
0.230
0.170
0.270
0.210
0.140
160
F
0.270
0.230
0.170
0.270
0.210
0.140
170 - 180
F
0.270
0.240
0.180
0.270
0.210
0.140
200
F
0.270
0.250
0.190
0.270
0.220
0.150
220
F
0.270
0.220
0.150
240
F
0.270
0.220
0.160
270
F
0.270
0.230
0.160
300
F
0.270
0.230
0.170
330 - 360
F
0.270
0.240
0.180
390
F
0.270
0.250
0.190
DM05
Case
Dimensions
in Millimeters
Lead Spacing:
3.05 ± 0.8mm
DM 05 Mica Capacitors
DM05
Case
Dimensions
in Inches
Lead Spacing:
0.120 ± 0.031”
DIMENSIONS:
LL = 31.75 mm (1.25”) min.
Sharma Mica Capacitors
Page 7
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


유사한 부품 번호 - DM10DA151JO3-RHTR02

제조업체부품명데이터시트상세설명
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
logo
Pepperl+Fuchs Inc.
DM10-10NDFEB PF-DM10-10NDFEB Datasheet
341Kb / 2P
   Magnet
logo
Extech Instruments Corp...
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
Power-One
DM1001-7R POWER-ONE-DM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
More results

유사한 설명 - DM10DA151JO3-RHTR02

제조업체부품명데이터시트상세설명
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com