전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM641001B 데이터시트(PDF) 1 Page - Samsung semiconductor

부품명 KM641001B
상세설명  256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM641001B 데이터시트(HTML) 1 Page - Samsung semiconductor

  KM641001B Datasheet HTML 1Page - Samsung semiconductor KM641001B Datasheet HTML 2Page - Samsung semiconductor KM641001B Datasheet HTML 3Page - Samsung semiconductor KM641001B Datasheet HTML 4Page - Samsung semiconductor KM641001B Datasheet HTML 5Page - Samsung semiconductor KM641001B Datasheet HTML 6Page - Samsung semiconductor KM641001B Datasheet HTML 7Page - Samsung semiconductor KM641001B Datasheet HTML 8Page - Samsung semiconductor KM641001B Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KM641001B/BL
CMOS SRAM
PRELIMINARY
Rev. 3.0
- 1 -
July 1998
Document Title
256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev.No.
Rev. 0.0
Rev.1.0
Rev. 2.0
Rev.3.0
Remark
Design Target
Preliminary
Final
Final
History
Initial release with Design Target.
Release to Preliminary Data Sheet.
1.1. Replace Design Target to Preliminary.
Release to Final Data Sheet.
2.1. Delete Preliminary.
2.2. Delete 17ns, L-version and Industrial Temperature Part.
2.3. Delete VOH1=3.95V.
2.4. Delete Data Retention Characteristics and Wave form.
2.5. Relex operating current.
3.1. Add Low power Version.
3.2. Add Data Retention chcracteristics.
Speed
Previous
Now
15ns
120mA
120mA
17ns
110mA
-
20ns
100mA
118mA
Draft Data
Feb. 1st 1997
Jun. 1st 1997
Feb. 6th 1998
Jul. 28th 1998


유사한 부품 번호 - KM641001B

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM641001A-15 SAMSUNG-KM641001A-15 Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM641001A-20 SAMSUNG-KM641001A-20 Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
More results

유사한 설명 - KM641001B

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
KM68V257C SAMSUNG-KM68V257C Datasheet
197Kb / 9P
   32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
   32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com