전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12179 데이터시트(PDF) 6 Page - Motorola, Inc

부품명 MC12179
상세설명  500 - 2800 MHz Single Channel Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12179 데이터시트(HTML) 6 Page - Motorola, Inc

Back Button MC12179 Datasheet HTML 2Page - Motorola, Inc MC12179 Datasheet HTML 3Page - Motorola, Inc MC12179 Datasheet HTML 4Page - Motorola, Inc MC12179 Datasheet HTML 5Page - Motorola, Inc MC12179 Datasheet HTML 6Page - Motorola, Inc MC12179 Datasheet HTML 7Page - Motorola, Inc MC12179 Datasheet HTML 8Page - Motorola, Inc MC12179 Datasheet HTML 9Page - Motorola, Inc MC12179 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC12179
6
MOTOROLA RF/IF DEVICE DATA
Figure 6. Graphical Analysis of Optimum Bandwidth
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
Crystal Reference
15dB NF of the Noise
Contribution from Loop
20*log(256)
VCO
Optimum Bandwidth
10
100
1k
10k
100k
1M
Hz
Figure 7. Closed Loop Frequency Response for
ζ = 1
–60
–50
–40
–30
–20
–10
0
10
0.1
1k
Hz
1
10
100
Natural Frequency
3dB Bandwidth
To simplify analysis further a damping factor of 1 will be
selected. The normalized closed loop response is illustrated
in Figure 7 where the loop bandwidth is 2.5 times the loop
natural frequency (the loop natural frequency is the
frequency at which the loop would oscillate if it were
unstable). Therefore the optimum loop bandwidth is
15kHz/2.5 or 6kHz (37.7krads) with a damping coefficient,
ζ ≈ 1. T(s) is the transfer function of the loop filter.
T(s)
+
RoCos ) 1
NCo
KpKv
s2
) RoCos ) 1
+
2
z
wo s ) 1
1
wo2
s2
)
2
z
wo s ) 1
NCo
KpKv
+
1
wo2
³ wo +
KpKv
NCo
³ Co [
KpKv
N
wo2
RoCo +
2
z
wo ³ z +
woRoCo
2
³ Ro +
2
z
woCo
Figure 8. Design Equations for the 2nd Order System
In summary, follow the steps given below:
Step 1: Plot the phase noise of crystal reference and the
VCO on the same graph.
Step 2: Increase the phase noise of the crystal reference by
the noise contribution of the loop.
Step 3: Convert the divide–by–N to dB (20log 256 – 48 dB)
and increase the phase noise of the crystal
reference by that amount.
Step 4: The point at which the VCO phase noise crosses the
amplified phase noise of the Crystal Reference is the
point of the optimum loop bandwidth. This is
approximately 15 kHz in Figure 6.
Step 5: Correlate this loop bandwidth to the loop natural
frequency and select components per Figure 8. In
this case the 3.0 dB bandwidth for a damping
coefficient of 1 is 2.5 times the loop’s natural
frequency. The relationship between the 3.0 dB loop
bandwidth and the loop’s “natural” frequency will
vary for different values of
ζ. Making use of the
equations defined above in a math tool or spread
sheet is useful. To aid in the use of such a tool the
equations are summarized in Figures 9 through 11.
Let:
NCo
KpKv
+ 1
wo2
,RoCo +
2
z
wo
Figure 9. Loop Parameter Relations
Let: Ca + aCo ,Cx + bCo ,A + 1 ) a , and B + 1 ) a ) b
Let: RoCo +
1
w3
,RxCx +
1
w4
,Ro(Ca ) Cx) +
1
w5
Let: K3w3 + wo ,K4w4 + wo ,K5w5 + wo
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC12179

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC12179D LANSDALE-MC12179D Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
MC12179D LANSDALE-MC12179D Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
More results

유사한 설명 - MC12179

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com