전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPC2260 데이터시트(PDF) 4 Page - NEC

부품명 UPC2260
상세설명  LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPC2260 데이터시트(HTML) 4 Page - NEC

  UPC2260 Datasheet HTML 1Page - NEC UPC2260 Datasheet HTML 2Page - NEC UPC2260 Datasheet HTML 3Page - NEC UPC2260 Datasheet HTML 4Page - NEC UPC2260 Datasheet HTML 5Page - NEC UPC2260 Datasheet HTML 6Page - NEC UPC2260 Datasheet HTML 7Page - NEC UPC2260 Datasheet HTML 8Page - NEC UPC2260 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet G14901EJ2V0DS00
4
µµµµ PC2260
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input Voltage
VIN
620
V
Output Current
IO
5
500
mA
Operating Junction Temperature
TJ
−20
+125
°C
Caution
The recommended operating range may be exceeded without causing any problems provided that the
absolute maximum ratings are not exceeded. However, if the device is operated in a way that exceeds
the recommended operating conditions, the margin between the actual conditions of use and the
absolute maximum ratings is small, and therefore thorough evaluation is necessary. The
recommended operating conditions do not imply that the device can be used with all values at their
maximum values.
ELECTRICAL CHARACTERISTICS
(TJ = 25
°°°°C, VIN = 9 V, IO = 350 mA, CIN = 0.33 µµµµF, CO = 47 µµµµF, unless otherwise specified.)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
4.8
5.0
5.2
V
6 V
≤ VIN ≤ 20 V, 5 mA ≤ IO ≤ 500 mA,
0
°C ≤ TJ ≤ 125 °C
4.75
5.25
V
Line Regulation
REGIN
6.5 V
≤ VIN ≤ 20 V
5
50
mV
Load Regulation
REGL
5 mA
≤ IO ≤ 500 mA
10
50
mV
Operating Circuit Current
IBIAS
IO = 0 A
2
5
mA
IO = 500 mA
30
mA
Operating Circuit Current Change
∆ IBIAS
6.5 V
≤ VIN ≤ 20 V, IO = 500 mA
10
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
130
µ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 6.5 V
≤ VIN ≤ 16.5 V
56
65
dB
Dropout Voltage
VDIF
IO = 500 mA
0.5
0.8
V
Peak Output Current
IO peak
0.7
0.95
1.2
A
Temperature Coefficient of Output
Voltage
∆ VO/∆ TIO = 5 mA, 0 °C ≤ TJ ≤ 125 °C0.4
mV/
°C
OFF Output Leakage Current
IOLK
VIN = 0 V, VO = 5 V, 0
°C ≤ TJ ≤ 125 °C10
µ A
Reset Output Voltage (High Level)
VRSTH
IRSTH = 100
µ A, 0 °C ≤ TJ ≤ 125 °CVO − 0.5
V
Reset Output Voltage (Low Level)
VRSTL
Reset output is active (low level),
IRSTL = 1.6 mA, 0
°C ≤ TJ ≤ 125 °C
0.6
0.8
V
Reset Output Leakage Current
IRLK
VO(RST)
≤ VO, 0 °C ≤ TJ ≤ 125 °C10
µ A
Output Voltage to Output Reset
Signal
VO(RST)
0
°C ≤ TJ ≤ 125 °CVO − 0.2
VO
− 0.1
V
Reset Output Delay Time
td
CDLY = 0.1
µ F, 0 °C ≤ TJ ≤ 125 °C30
ms


유사한 부품 번호 - UPC2260

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
UPC2260 RENESAS-UPC2260 Datasheet
240Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC2260V RENESAS-UPC2260V Datasheet
240Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

유사한 설명 - UPC2260

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
logo
New Japan Radio
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJU7272 NJRC-NJU7272 Datasheet
204Kb / 13P
   Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
NJM2806 NJRC-NJM2806 Datasheet
126Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2801 NJRC-NJM2801 Datasheet
134Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2805 NJRC-NJM2805 Datasheet
73Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2807 NJRC-NJM2807 Datasheet
81Kb / 5P
   Low Dropout Voltage Regulator with Reset
logo
Sanyo Semicon Device
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
   Low Dropout Regulator with Reset
logo
ON Semiconductor
NCV4949DW ONSEMI-NCV4949DW Datasheet
123Kb / 12P
   Low Dropout Voltage Regulator with Power-On Reset
November, 2002 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com