전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5539S 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5539S
상세설명  Ultrahigh Frequency Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5539S 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5539S Datasheet HTML 7Page - Analog Devices AD5539S Datasheet HTML 8Page - Analog Devices AD5539S Datasheet HTML 9Page - Analog Devices AD5539S Datasheet HTML 10Page - Analog Devices AD5539S Datasheet HTML 11Page - Analog Devices AD5539S Datasheet HTML 12Page - Analog Devices AD5539S Datasheet HTML 13Page - Analog Devices AD5539S Datasheet HTML 14Page - Analog Devices AD5539S Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD5539
–11–
REV. B
value of RLAG, the higher the noise gain). For example, with a
220
Ω R
LAG and a 50
Ω source resistance, the noise gain will be
12.8, because the source resistance affects the noise gain.
Figures 31 and 32 show the small and large signal responses of
the circuit of Figure 29.
Figure 31. The Small-Signal Pulse Response of the Gain
of 3 Follower Circuit with RLAG and CLEAD Compensation to
Pin 12; Vertical Scale: 50 mV/div; Horizontal Scale:
5 ns/div
Figure 32. The Large-Signal Pulse Response of the Gain
of 3 Follower Circuit with RLAG and CLEAD Compensation to
Pin 12; Vertical Scale: 200 mV/div; Horizontal Scale:
5 ns/div
A Video Amplifier Circuit with 20 dB Gain (Terminated)
High gain applications (14 dB and up) require only a small lead
capacitance to obtain flat response. The 26 dB (20 dB termi-
nated) video amplifier circuit of Figure 33 has the response
shown in Figure 34 using only approximately 0.5-1 pF lead ca-
pacitance. Again, a small CLEAD can be connected, either to the
output or to Pin 12 with very little difference in response.
Figure 33. A 20 dB Gain Video Amplifier for 75
Ω Systems
Figure 34. Response of the 20 dB Video Amplifier
In color video applications, the quality of differential gain and
differential phase response is very important. Figures 35 and 36
show a circuit and test setup to measure the AD5539’s response
to a modulated ramp signal (0-90 IRE p-p ramp, 40 IRE p-p
modulation, 4.4 MHz).
Figures 37 and 38 show the differential gain and phase response.


유사한 부품 번호 - AD5539S

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
More results

유사한 설명 - AD5539S

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
230Kb / 14P
   High frequency operational amplifier
2002 Jan 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com