전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS881E18AD-150IT 데이터시트(PDF) 7 Page - GSI Technology

부품명 GS881E18AD-150IT
상세설명  512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881E18AD-150IT 데이터시트(HTML) 7 Page - GSI Technology

Back Button GS881E18AD-150IT Datasheet HTML 3Page - GSI Technology GS881E18AD-150IT Datasheet HTML 4Page - GSI Technology GS881E18AD-150IT Datasheet HTML 5Page - GSI Technology GS881E18AD-150IT Datasheet HTML 6Page - GSI Technology GS881E18AD-150IT Datasheet HTML 7Page - GSI Technology GS881E18AD-150IT Datasheet HTML 8Page - GSI Technology GS881E18AD-150IT Datasheet HTML 9Page - GSI Technology GS881E18AD-150IT Datasheet HTML 10Page - GSI Technology GS881E18AD-150IT Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Revision: 2/3/05
GS881E18/32/36AD
Supplemental Datasheet Information
Ordering Information
Org
Part Number1
Type
Package
Speed2
(MHz/ns)
TA3
Status
512K x 18
GS881E18AD-250
Pipeline/Flow Through
165 BGA
250/5.5
C
512K x 18
GS881E18AD-225
Pipeline/Flow Through
165 BGA
225/6
C
512K x 18
GS881E18AD-200
Pipeline/Flow Through
165 BGA
200/6.5
C
512K x 18
GS881E18AD-166
Pipeline/Flow Through
165 BGA
166/7
C
512K x 18
GS881E18AD-150
Pipeline/Flow Through
165 BGA
150/7.5
C
512K x 18
GS881E18AD-133
Pipeline/Flow Through
165 BGA
133/8.5
C
256K x 32
GS881E32AD-250
Pipeline/Flow Through
165 BGA
250/5.5
C
256K x 32
GS881E32AD-225
Pipeline/Flow Through
165 BGA
225/6
C
256K x 32
GS881E32AD-200
Pipeline/Flow Through
165 BGA
200/6.5
C
256K x 32
GS881E32AD-166
Pipeline/Flow Through
165 BGA
166/7
C
256K x 32
GS881E32AD-150
Pipeline/Flow Through
165 BGA
150/7.5
C
256K x 32
GS881E32AD-133
Pipeline/Flow Through
165 BGA
133/8.5
C
256K x 36
GS881E36AD-250
Pipeline/Flow Through
165 BGA
250/5.5
C
256K x 36
GS881E36AD-225
Pipeline/Flow Through
165 BGA
225/6
C
256K x 36
GS881E36AD-200
Pipeline/Flow Through
165 BGA
200/6.5
C
256K x 36
GS881E36AD-166
Pipeline/Flow Through
165 BGA
166/7
C
256K x 36
GS881E36AD-150
Pipeline/Flow Through
165 BGA
150/7.5
C
256K x 36
GS881E36AD-133
Pipeline/Flow Through
165 BGA
133/8.5
C
512K x 18
GS881E18AD-250I
Pipeline/Flow Through
165 BGA
250/5.5
I
512K x 18
GS881E18AD-225I
Pipeline/Flow Through
165 BGA
225/6
I
512K x 18
GS881E18AD-200I
Pipeline/Flow Through
165 BGA
200/6.5
I
512K x 18
GS881E18AD-166I
Pipeline/Flow Through
165 BGA
166/7
I
512K x 18
GS881E18AD-150I
Pipeline/Flow Through
165 BGA
150/7.5
I
512K x 18
GS881E18AD-133I
Pipeline/Flow Through
165 BGA
133/8.5
I
256K x 32
GS881E32AD-250I
Pipeline/Flow Through
165 BGA
250/5.5
I
256K x 32
GS881E32AD-225I
Pipeline/Flow Through
165 BGA
225/6
I
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS88136AD-100IT.
2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each
device is Pipeline/Flow Through mode-selectable by the user.
3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range.
4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which
are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings


유사한 부품 번호 - GS881E18AD-150IT

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS881E18BD-150 GSI-GS881E18BD-150 Datasheet
902Kb / 40P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BD-150I GSI-GS881E18BD-150I Datasheet
902Kb / 40P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BD-150IV GSI-GS881E18BD-150IV Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BD-150V GSI-GS881E18BD-150V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BD-200 GSI-GS881E18BD-200 Datasheet
902Kb / 40P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

유사한 설명 - GS881E18AD-150IT

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88237AB GSI-GS88237AB Datasheet
720Kb / 28P
   256K x 36 9Mb Synchronous Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880V18BT GSI-GS880V18BT Datasheet
579Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com