전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2508A 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BU2508A
상세설명  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2508A 데이터시트(HTML) 4 Page - NXP Semiconductors

  BU2508A Datasheet HTML 1Page - NXP Semiconductors BU2508A Datasheet HTML 2Page - NXP Semiconductors BU2508A Datasheet HTML 3Page - NXP Semiconductors BU2508A Datasheet HTML 4Page - NXP Semiconductors BU2508A Datasheet HTML 5Page - NXP Semiconductors BU2508A Datasheet HTML 6Page - NXP Semiconductors BU2508A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2508A
Fig.9. Typical base-emitter saturation voltage.
V
BEsat = f (IB); parameter IC
Fig.10. Typical collector-emitter saturation voltage.
V
CEsat = f (IB); parameter IC
Fig.11. Typical turn-off losses. T
j = 85˚C
Eoff = f (I
B); parameter IC; f = 16 kHz
Fig.12. Typical collector storage and fall time.
ts = f (I
B); tf = f (IB); parameter IC; Tj = 85˚C; f = 16 kHz
Fig.13. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.14. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25˚C = f (Tmb)
0
1
2
3
4
IB / A
VBESAT / V
BU2508A
1.2
1.1
1
0.9
0.8
0.7
0.6
6A
4.5A
3A
2A
Tj = 25 C
Tj = 125 C
IC=
0.1
1
10
IB / A
ts, tf / us
BU2508A
12
11
10
9
8
7
6
5
4
3
2
1
0
IC =
3.5A
4.5A
tf
ts
0.1
1
10
IB / A
VCESAT / V
BU2508A
10
1
0.1
Tj = 25 C
Tj = 125 C
3A
4.5A
6A
IC=2A
1E-06
1E-04
1E-02
1E+00
t / s
Zth / (K/W)
10
1
0.1
0.01
D = 0
0.02
0.05
0.1
0.2
0.5
D =
tp
tp
T
T
P
t
D
0.1
1
10
IB / A
Eoff / uJ
BU2508A
1000
100
10
3.5A
IC = 4.5A
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
November 1995
4
Rev 1.300


유사한 부품 번호 - BU2508A

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BU2508A ISC-BU2508A Datasheet
103Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU2508A SAVANTIC-BU2508A Datasheet
135Kb / 3P
   Silicon NPN Power Transistors
BU2508A SAVANTIC-BU2508A Datasheet
137Kb / 3P
   Silicon NPN Power Transistors
logo
List of Unclassifed Man...
BU2508A ETC2-BU2508A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
NXP Semiconductors
BU2508AF PHILIPS-BU2508AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.500
More results

유사한 설명 - BU2508A

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com