전자부품 데이터시트 검색엔진 |
|
GS881E18AT-133IT 데이터시트(PDF) 7 Page - GSI Technology |
|
GS881E18AT-133IT 데이터시트(HTML) 7 Page - GSI Technology |
7 / 37 page Revision: 2/3/05 GS881E18/32/36AD Supplemental Datasheet Information Ordering Information Org Part Number1 Type Package Speed2 (MHz/ns) TA3 Status 512K x 18 GS881E18AD-250 Pipeline/Flow Through 165 BGA 250/5.5 C 512K x 18 GS881E18AD-225 Pipeline/Flow Through 165 BGA 225/6 C 512K x 18 GS881E18AD-200 Pipeline/Flow Through 165 BGA 200/6.5 C 512K x 18 GS881E18AD-166 Pipeline/Flow Through 165 BGA 166/7 C 512K x 18 GS881E18AD-150 Pipeline/Flow Through 165 BGA 150/7.5 C 512K x 18 GS881E18AD-133 Pipeline/Flow Through 165 BGA 133/8.5 C 256K x 32 GS881E32AD-250 Pipeline/Flow Through 165 BGA 250/5.5 C 256K x 32 GS881E32AD-225 Pipeline/Flow Through 165 BGA 225/6 C 256K x 32 GS881E32AD-200 Pipeline/Flow Through 165 BGA 200/6.5 C 256K x 32 GS881E32AD-166 Pipeline/Flow Through 165 BGA 166/7 C 256K x 32 GS881E32AD-150 Pipeline/Flow Through 165 BGA 150/7.5 C 256K x 32 GS881E32AD-133 Pipeline/Flow Through 165 BGA 133/8.5 C 256K x 36 GS881E36AD-250 Pipeline/Flow Through 165 BGA 250/5.5 C 256K x 36 GS881E36AD-225 Pipeline/Flow Through 165 BGA 225/6 C 256K x 36 GS881E36AD-200 Pipeline/Flow Through 165 BGA 200/6.5 C 256K x 36 GS881E36AD-166 Pipeline/Flow Through 165 BGA 166/7 C 256K x 36 GS881E36AD-150 Pipeline/Flow Through 165 BGA 150/7.5 C 256K x 36 GS881E36AD-133 Pipeline/Flow Through 165 BGA 133/8.5 C 512K x 18 GS881E18AD-250I Pipeline/Flow Through 165 BGA 250/5.5 I 512K x 18 GS881E18AD-225I Pipeline/Flow Through 165 BGA 225/6 I 512K x 18 GS881E18AD-200I Pipeline/Flow Through 165 BGA 200/6.5 I 512K x 18 GS881E18AD-166I Pipeline/Flow Through 165 BGA 166/7 I 512K x 18 GS881E18AD-150I Pipeline/Flow Through 165 BGA 150/7.5 I 512K x 18 GS881E18AD-133I Pipeline/Flow Through 165 BGA 133/8.5 I 256K x 32 GS881E32AD-250I Pipeline/Flow Through 165 BGA 250/5.5 I 256K x 32 GS881E32AD-225I Pipeline/Flow Through 165 BGA 225/6 I Notes: 1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS88136AD-100IT. 2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each device is Pipeline/Flow Through mode-selectable by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings |
유사한 부품 번호 - GS881E18AT-133IT |
|
유사한 설명 - GS881E18AT-133IT |