전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM29151R-2.5 데이터시트(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

부품명 LM29151R-2.5
상세설명  1.5A Very L.D.O Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTC [HTC Korea TAEJIN Technology Co.]
홈페이지  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151R-2.5 데이터시트(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

  LM29151R-2.5 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151R-2.5 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/1/2/3
Applications Information
The LM29150 are high performance low-dropout voltage regulators suitable for all moderate to high
-current voltage regulator applications. Their 350mV dropout voltage at full load make them
especially valuable in battery powered systems and as high efficiency noise filters in
"post-regulator" applications. Unlike older NPN-pass transistor designs, dropout performance of
the PNP output of these devices is limited merely by the low Vce saturation voltage.
The LM29150 family of regulators is fully protected from damage due to fault conditions. Current
Limiting is provided. This limiting is linear; output current under overload conditions is constant.
Thermal shutdown disables the device when the die temperature exceeds the 125℃ maximum safe
operating temperature. Transient protection allows device survival even when the input voltage
spikes between -20V and +60V. When the input voltage exceeds about 35V to 40V. The over
voltage sensor temporarily disables the regulator.
Figure 3. Linear regulators require only two capacitors
for operation.
Thermal Design
Linear regulators are simple to use. The most complicated design parameters to consider are
thermal characteristics. Thermal design requires the following application-specific parameters:
*
Maximum ambient temperature, TA
*
Output Current, IOUT
*
Output Voltage, VOUT
*
Input Voltage, VIN
First, we calculate the power dissipation of the regulator from these numbers and the device
parameters from this datasheet.
PD=IOUT(1.01VIN-VOUT)
Where the ground current is approximated by 1% of IOUT. Then the heat sink thermal
resistance is determined with this formula:
Where TJ MAX≤ 125℃ and ΘCS is between 0 and 2℃/W.
Capaitor Requirements
For stability and minimum output noise,a capacitor on the regulator output is necessary. The
value of this capacitor is dependent upon the output current; lower currents allow smaller
capcitors. LM29150 regulators are stable with the 10uF minimum capacitor values at full load.
Where the regulator is powered from a source with a high AC impedance, a 0.1uF capacitor
connected between input and GND is recommended. This capacitor should have good
characteristics to above 250kHz.
Mar. 2006-Rev06
HTC
97


유사한 부품 번호 - LM29151R-2.5

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM29151R-2.5 HTC-LM29151R-2.5 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151R-2.5 HTC-LM29151R-2.5 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

유사한 설명 - LM29151R-2.5

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com