전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC4511EE4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC4511EE4
상세설명  BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4511EE4 데이터시트(HTML) 4 Page - Texas Instruments

  CD74HC4511EE4 Datasheet HTML 1Page - Texas Instruments CD74HC4511EE4 Datasheet HTML 2Page - Texas Instruments CD74HC4511EE4 Datasheet HTML 3Page - Texas Instruments CD74HC4511EE4 Datasheet HTML 4Page - Texas Instruments CD74HC4511EE4 Datasheet HTML 5Page - Texas Instruments CD74HC4511EE4 Datasheet HTML 6Page - Texas Instruments CD74HC4511EE4 Datasheet HTML 7Page - Texas Instruments CD74HC4511EE4 Datasheet HTML 8Page - Texas Instruments CD74HC4511EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CD54HC4511, CD74HC4511, CD74HCT4511
BCDTO7 SEGMENT LATCH/DECODER/DRIVERS
SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input diode current, IIK (VI < −0.5 V or VI > VCC + 0.5 V) ) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . .
Output diode current, IOK (VO < −0.5 V or VO > VCC + 0.5V) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . .
Continuous output source or sink current per output, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): E package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (during soldering):
At distance 1/16
± 1/32 in (1.59 ± 0.79 mm) from case for 10 s maximum
265
°C
. . . . . . . . . . . . . . . . . . . . .
Unit inserted into a PC board (minimum thickness 1/16 in, 1.59 mm),
with solder contacting lead tips only
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65 to 150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions for ’HC4511 (see Note 3)
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2
6
2
6
2
6
V
VCC = 2 V
1.5
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
4.2
4.2
V
VCC = 2 V
0.5
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
1000
tt
Input transition (rise and fall) time
VCC = 4.5 V
500
500
500
ns
tt
Input transition (rise and fall) time
VCC = 6 V
400
400
400
ns
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


유사한 부품 번호 - CD74HC4511EE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC4511EE4 TI1-CD74HC4511EE4 Datasheet
834Kb / 22P
[Old version datasheet]   BCD-TO-7 Segment
More results

유사한 설명 - CD74HC4511EE4

제조업체부품명데이터시트상세설명
logo
IK Semicon Co., Ltd
IW4511B IKSEMICON-IW4511B Datasheet
198Kb / 7P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
logo
Texas Instruments
CD4511B TI-CD4511B Datasheet
253Kb / 6P
[Old version datasheet]   CMOS BCD-TO-7-SEGMENT LATCH DECODER DRIVERS
logo
KODENSHI_AUK CORP.
KK4511B KODENSHI-KK4511B Datasheet
324Kb / 7P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
logo
Intersil Corporation
CD4511BMS INTERSIL-CD4511BMS Datasheet
134Kb / 11P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
December 1992
logo
Texas Instruments
CD4511B TI1-CD4511B_17 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS BCD-to-7-Segment Latch Decoder Drivers
CD4511BF TI-CD4511BF Datasheet
1Mb / 15P
[Old version datasheet]   CMOS BCD-to-7 Segment Latch Decoder Drivers
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com