전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD53519 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD53519
상세설명  Preliminary Technical Data
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD53519 데이터시트(HTML) 3 Page - Analog Devices

  AD53519 Datasheet HTML 1Page - Analog Devices AD53519 Datasheet HTML 2Page - Analog Devices AD53519 Datasheet HTML 3Page - Analog Devices AD53519 Datasheet HTML 4Page - Analog Devices AD53519 Datasheet HTML 5Page - Analog Devices AD53519 Datasheet HTML 6Page - Analog Devices AD53519 Datasheet HTML 7Page - Analog Devices AD53519 Datasheet HTML 8Page - Analog Devices AD53519 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PRELIMINARY TECHNICAL DATA
AD53519
Propagation Delay – Input
to Output – Rise
tPDR
20 mV Over Drive
375
ps
Propagation Delay – Input
to Output – Fall
tPDF
20 mV Over Drive
375
ps
Propagation Delay –
Tempco
2
ps/°C
Rise Time
tR
20% to 80%
150
ps
Fall Time
tF
20% to 80%
150
ps
Equivalent Bandwidth
BW
2500
MHz
Toggle Rate
5
Gbps
Prop Delay vs. Duty Cycle
10
ps
Prop Delay vs. Duty Cycle
Slow Edge
20
ps
Prop Delay vs. Over Drive
(20mV to 1.5V)
75
ps
Prop Delay Skew
ps
Dispersion - Slew Rate
25
ps
Within Device Skew,
Channel to Channel Prop
Delay Match
ps
Prop Delay Dispersion
Overdrive
ps
Prop Delay Dispersion
Common Mode Voltage
ps
Prop Delay Dispersion Input
Slew Rate
ps
Prop Delay Dispersion Input
Duty Cycle
ps
Prop Delay Dispersion Input
Pulse Width
ps
Unit to Unit Prop Delay
ps
Minimum Pulse Width - Pos
PWH
200
ps
Minimum Pulse Width -
Neg
PWL
200
ps
POWER SUPPLY
Positive Supply Current
IVCC
@ +5.0 Volts
mA
Negative Supply Current
IVEE
@ -5.2 Volts
mA
Positive Supply Voltage
VCC
Dual
4.75
5.0
5.25
V
Negative Supply Voltage
VEE
Dual
-4.96
-5.2
-5.45
V
Power Dissipation
Dual, Without Load
mW
Power Dissipation
Dual, With Load
550
mW
Power Supply Sensitivity –
VCC
PSSVCC
70
dB
Power Supply Sensitivity –
VEE
PSSVEE
70
dB
NOTES:
1.
Under no circumstances should the input voltages exceed the supply voltages
2.
REV. Pr J July 22, 2002
- 3 -


유사한 부품 번호 - AD53519

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD53513 AD-AD53513 Datasheet
92Kb / 4P
   Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
REV. 0
AD53513JSQ AD-AD53513JSQ Datasheet
92Kb / 4P
   Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
REV. 0
AD53513 AD-AD53513_15 Datasheet
95Kb / 4P
   Quad Ultrahigh-Speed Pin Driver
REV. 0
More results

유사한 설명 - AD53519

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
   Preliminary Technical Data
Rev. PrA
AD5263 AD-AD5263 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 48P
   Preliminary Technical Data
Rev. PrA
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com