전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTV212M64 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 MTV212M64
상세설명  8051 Embedded Monitor Controller MTP Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MTV212M64 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MTV212M64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
MYSON
TECHNOLOGY
MTV212M64
(Rev. 1.2)
Revision 1.2
- 9 -
2000/07/04
H/V SYNC Processor Block Diagram
6.1 Composite SYNC separation/insertion
The MTV212M continuously monitors the input HSYNC, if the vertical SYNC pulse can be extracted from the
input, a CVpre flag is set and user can select the extracted "CVSYNC" for the source of polarity check,
frequency count, and VBLANK output. The CVSYNC will have 8us delay compared to the original signal.
The MTV212M can also insert pulse to HBLANK output during composite VSYNC’s active time. The insert
pulse’s width is 1/8 HSYNC period and the insertion frequency can adapt to original HSYNC.
6.2 H/V Frequency Counter
MTV212M can discriminate HSYNC/VSYNC frequency and saves the information in XFRs. The 14 bits
Hcounter counts the time of 64xHSYNC period, then load the result into the HCNTH/HCNTL latch. The
output value will be [(128000000/H-Freq) - 1], updated once per VSYNC/CVSYNC period when
VSYNC/CVSYNC is present or continuously updated when VSYNC/CVSYNC is non-present. The 12 bits
Vcounter counts the time between two VSYNC pulses, then load the result into the VCNTH/VCNTL latch.
The output value will be (62500/V-Freq), updated every VSYNC/CVSYNC period. An extra overflow bit
indicates the condition of H/V counter overflow. The VFchg/HFchg interrupt is set when VCNT/HCNT value
changes or overflow. Table 4.2.1 and table 4.2.2 shows the HCNT/VCNT value under the operations of
12MHz.
Hself
Hpol
CVpre
Vbpl
VSYNC
Digital Filter
Polarity Check &
Sync Seperator
Vpre
Present
Check
Vfreq
Vpol
Polarity Check &
Freq. Count
XOR
VBLANK
Vself
XOR
HSYNC
Digital Filter
CVSYNC
Present
Check
Hpre
Hfreq
Present Check &
Freq. Count
Hbpl
XOR
HBLANK
XOR
Composite
Pulse Insert


유사한 부품 번호 - MTV212M64

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

유사한 설명 - MTV212M64

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com