전자부품 데이터시트 검색엔진 |
|
CS5016-JP32 데이터시트(PDF) 10 Page - Cirrus Logic |
|
CS5016-JP32 데이터시트(HTML) 10 Page - Cirrus Logic |
10 / 46 page CS5012A, CS5014, CS5016 DIGITAL CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ±10%; VA-, VD- = -5V ±10%) Parameter Symbol Min Typ Max Units High-Level Input Voltage VIH 2.0 - - V Low-Level Input Voltage VIL -- 0.8 V High-Level Output Voltage (Note 12) VOH (VD+) - 1.0V - - V Low-Level Output Voltage Iout = 1.6mA VOL -- 0.4 V Input Leakage Current Iin -- 10 µA 3-State Leakage Current IOZ -- ±10 µA Digital Output Pin Capacitance Cout -9 - pF Notes: 12. Iout = -100 µA. This specification guarantees TTL compatibility (VOH = 2.4V @ Iout = -40 µA). RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V, see Note 13) Parameter Symbol Min Typ Max Units DC Power Supplies: Positive Digital Negative Digital Positive Analog Negative Analog VD+ VD- VA+ VA- 4.5 -4.5 4.5 -4.5 5.0 -5.0 5.0 -5.0 VA+ -5.5 5.5 -5.5 V V V V Analog Reference Voltage VREF 2.5 4.5 (VA+) - 0.5 V Analog Input Voltage: (Note 14) Unipolar Bipolar VAIN VAIN AGND -VREF - - VREF VREF V V Notes: 13. All voltages with respect to ground. 14. The CS5012A/14/16 can accept input voltages up to the analog supplies (VA+ and VA-). It will output all 1’s for inputs above VREF and all 0’s for inputs below AGND in unipolar mode and -VREF in bipolar mode. ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0V, all voltages with repect to ground.) WARNING: Operation at or beyond these limits may reult in permanent damage to the device. Normal operation is not guaranteed at these extremes. Parameter Symbol Min Max Units DC Power Supplies: Positive Digital (Note 15) Negative Digital Positive Analog Negative Analog VD+ VD- VA+ VA- -0.3 0.3 -0.3 0.3 6.0 -6.0 6.0 -6.0 V V V V Input Current, Any Pin Except Supplies (Note 16) Iin - ±10 mA Analog Input Voltage (AIN and VREF pins) VINA (VA-) - 0.3 (VA+) + 0.3 V Digital Input Voltage VIND -0.3 (VA+) + 0.3 V Ambient Operating Temperature TA -55 125 °C Storage Temperature Tstg -65 150 °C Notes: 15. In addition, VD+ should not be greater than (VA+) + 0.3V. 16. Transient currents of up to 100 mA will not cause SCR latch-up. 2-16 DS14F6 |
유사한 부품 번호 - CS5016-JP32 |
|
유사한 설명 - CS5016-JP32 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |