전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5016-JP16 데이터시트(PDF) 7 Page - Cirrus Logic

부품명 CS5016-JP16
상세설명  16, 14 & 12-Bit, Self-Calibrating A/D Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016-JP16 데이터시트(HTML) 7 Page - Cirrus Logic

Back Button CS5016-JP16 Datasheet HTML 3Page - Cirrus Logic CS5016-JP16 Datasheet HTML 4Page - Cirrus Logic CS5016-JP16 Datasheet HTML 5Page - Cirrus Logic CS5016-JP16 Datasheet HTML 6Page - Cirrus Logic CS5016-JP16 Datasheet HTML 7Page - Cirrus Logic CS5016-JP16 Datasheet HTML 8Page - Cirrus Logic CS5016-JP16 Datasheet HTML 9Page - Cirrus Logic CS5016-JP16 Datasheet HTML 10Page - Cirrus Logic CS5016-JP16 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
CS5016
CS5016 ANALOG CHARACTERISTICS (continued)
CS5016-J, K
CS5016-A, B
CS5016-S, T
Parameter*
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
0 to +70
-40 to +85
-55 to +125
°C
Analog Input
Aperture Time
25
25
25
ns
Aperture Jitter
100
100
100
ps
Input Capacitance
(Note 4)
Unipolar Mode
Bipolar Mode
275
165
375
220
275
165
375
220
275
165
375
220
pF
pF
Conversion & Throughput
Conversion Time
-16 (Notes 5 and 6)
-32
16.25
32.5
16.25
32.5
16.25
32.5
µs
µs
Acquisition Time
-16
(Note 6)
-32
3.0
4.5
3.75
5.25
3.0
4.5
3.75
5.25
3.0
4.5
3.75
5.25
µs
µs
Throughput
-16
(Note 6)
-32
50
26.5
50
26.5
50
26.5
kHz
kHz
Power Supplies
DC Power Supply Currents
(Note 7)
IA+
IA-
ID+
ID-
9
-9
3
-3
19
-19
6
-6
9
-9
3
-3
19
-19
6
-6
9
-9
3
-3
19
-19
6
-6
mA
mA
mA
mA
Power Dissipation
(Note 7)
120
250
120
250
120
250
mW
Power Supply Rejection
(Note 8)
Positive Supplies
Negative Supplies
84
84
84
84
84
84
dB
dB
DS14F6
2-13


유사한 부품 번호 - CS5016-JP16

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5016-BL16 CIRRUS-CS5016-BL16 Datasheet
1Mb / 40P
   16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
CS5016-BL16Z CIRRUS-CS5016-BL16Z Datasheet
1Mb / 40P
   16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
More results

유사한 설명 - CS5016-JP16

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5012A CIRRUS-CS5012A Datasheet
1Mb / 40P
   16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
API Technologies Corp
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
   Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC16061 NSC-ADC16061 Datasheet
472Kb / 20P
   Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com