전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP105YZC 데이터시트(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 TMP105YZC
상세설명  Digital Temperature Sensor with Two-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP105YZC 데이터시트(HTML) 2 Page - Burr-Brown (TI)

  TMP105YZC Datasheet HTML 1Page - Burr-Brown (TI) TMP105YZC Datasheet HTML 2Page - Burr-Brown (TI) TMP105YZC Datasheet HTML 3Page - Burr-Brown (TI) TMP105YZC Datasheet HTML 4Page - Burr-Brown (TI) TMP105YZC Datasheet HTML 5Page - Burr-Brown (TI) TMP105YZC Datasheet HTML 6Page - Burr-Brown (TI) TMP105YZC Datasheet HTML 7Page - Burr-Brown (TI) TMP105YZC Datasheet HTML 8Page - Burr-Brown (TI) TMP105YZC Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TMP105
SLLS648B − FEBRUARY 2005 − REVISED JANUARY 2006
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, V+
7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage(2)
−0.5V to 7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current
10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +127°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−60
°C to +130°C
. . . . . . . . . . . . . . . . .
Junction Temperature (TJ max)
+150
°C
. . . . . . . . . . . . . . . . . . . . . .
ESD Rating:
Human Body Model (HBM)(3)
2000V
. . . . . . . . . . . . . . . . . . . . .
Charged-Device Model (CDM)(4)
500V
. . . . . . . . . . . . . . . . . . . .
Machine Model (MM)(5)
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input voltage rating applies to all TMP105 input voltages.
(3) HBM testing has been tested to TI specifications JEDEC
JESD22-A114C.01.
(4) CDM testing has been tested to TI specifications JEDEC
EIA/JESD22-A115A.
(5) MM testing has been tested to TI specifications JEDEC
JESD22-C101C.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PACKAGE
PART NUMBER
SYMBOL
Wafer chip-scale package (YZC)
TMP105YZC
EY
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.
PIN ASSIGNMENTS
NOTE: Pin 1 is determined by orienting the package marking as indicated in the diagram.
A1
B1
C1
A2
B2
C2
SDA
SCL
V+
GND
ALERT
A0
(Bump Side Down)
WCSP-6 PACKAGE
(TOP VIEW)


유사한 부품 번호 - TMP105YZC

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-12 TRUMPOWER-TMP105-12 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-13 TRUMPOWER-TMP105-13 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-15 TRUMPOWER-TMP105-15 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-18 TRUMPOWER-TMP105-18 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
More results

유사한 설명 - TMP105YZC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com