전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74GTLP21395GQNR 데이터시트(PDF) 10 Page - Texas Instruments

부품명 SN74GTLP21395GQNR
상세설명  TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP21395GQNR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN74GTLP21395GQNR Datasheet HTML 6Page - Texas Instruments SN74GTLP21395GQNR Datasheet HTML 7Page - Texas Instruments SN74GTLP21395GQNR Datasheet HTML 8Page - Texas Instruments SN74GTLP21395GQNR Datasheet HTML 9Page - Texas Instruments SN74GTLP21395GQNR Datasheet HTML 10Page - Texas Instruments SN74GTLP21395GQNR Datasheet HTML 11Page - Texas Instruments SN74GTLP21395GQNR Datasheet HTML 12Page - Texas Instruments SN74GTLP21395GQNR Datasheet HTML 13Page - Texas Instruments SN74GTLP21395GQNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SN74GTLP21395
TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SCES350C – JUNE 2001 – REVISED NOVEMBER 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR Y OUTPUTS
S1
Open
GND
500
500
TEST
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
S1
Open
6 V
GND
tPLH
tPHL
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOH
VOL
0 V
VOL + 0.3 V
VOH – 0.3 V
≈0 V
Input
3 V
3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
(A input to B port)
Output
1.5 V
Test
Point
CL = 30 pF
(see Note A)
From Output
Under Test
12.5
LOAD CIRCUIT FOR B OUTPUTS
0 V
VOH
VOL
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
(B port to Y output)
Output
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≈ 10 MHz, ZO = 50 Ω, tr ≈ 2 ns, tf ≈ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
6 V
tPLH
tPHL
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1 V
1 V
1 V
1 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
(A input)
Figure 1. Load Circuits and Voltage Waveforms


유사한 부품 번호 - SN74GTLP21395GQNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033DGGR TI-SN74GTLP2033DGGR Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033DGVR TI-SN74GTLP2033DGVR Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033GQLR TI-SN74GTLP2033GQLR Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
More results

유사한 설명 - SN74GTLP21395GQNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP1395PWRG4 TI1-SN74GTLP1395PWRG4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com