전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13156 데이터시트(PDF) 10 Page - Motorola, Inc

부품명 MC13156
상세설명  Wideband FM IF System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13156 데이터시트(HTML) 10 Page - Motorola, Inc

Back Button MC13156 Datasheet HTML 6Page - Motorola, Inc MC13156 Datasheet HTML 7Page - Motorola, Inc MC13156 Datasheet HTML 8Page - Motorola, Inc MC13156 Datasheet HTML 9Page - Motorola, Inc MC13156 Datasheet HTML 10Page - Motorola, Inc MC13156 Datasheet HTML 11Page - Motorola, Inc MC13156 Datasheet HTML 12Page - Motorola, Inc MC13156 Datasheet HTML 13Page - Motorola, Inc MC13156 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC13156
10
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
Figure 17. MC13156DW Application Circuit
1.5
µ
150 p
(3)
NOTES: 1. 0.1
µH Variable Shielded Inductor: Coilcraft part # M1283–A or equivalent.
2. 10.7 MHz Ceramic Filter: Toko part # SK107M5–A0–10X or Murata Erie part # SFE10.7MHY–A.
3. 1.5
µH Variable Shielded Inductor: Toko part # 292SNS–T1373.
4. 3rd Overtone, Series Resonant, 25 PPM Crystal at 44.585 MHz.
5. 0.814
µH Variable Shielded Inductor: Coilcraft part # 143–18J12S.
6. 0.146
µH Variable Inductor: Coilcraft part # 146–04J08.
Data Slicer
Hold
430
+
+
Data
Output
RSSI
Output
Carrier
Detect
133.755 MHz
Osc/Tripler
50 p
7.5 p
144.455 MHz
RF Input
VCC
VCC
1.0
µ
430
47 k
470
5.6 k
15 k
100 p
1.0
µ
0.146
µ
(6)
SMA
(2) 10.7 MHz
Ceramic
Filter
(2) 10.7 MHz
Ceramic
Filter
10 n
10 n
10 n
10 n
10 n
(1)
0.1
µ
100 k
10 k
100 k
68 p
43 p
10 n
100 k
10 n
10 n
10 k
100 n
180 p
MMBR5179
(4) 3rd O.T.
XTAL
1.0 k
(5) 0.82
µ
11
20
22
17
24
12
10
9
8
7
6
3
Bias
5.0 p
Data
Slicer
LIM Amp
IF Amp
Bias
23
21
1
5
Mixer
VEE
4
VCC
VCC
14
15
16
VEE
VEE
19
MC13156
18
2
13


유사한 부품 번호 - MC13156

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC13156DW LANSDALE-MC13156DW Datasheet
3Mb / 21P
   Wideband FM IF System
MC13156DW LANSDALE-MC13156DW Datasheet
2Mb / 21P
    Wideband FM IF System
MC13156FB LANSDALE-MC13156FB Datasheet
3Mb / 21P
   Wideband FM IF System
MC13156FB LANSDALE-MC13156FB Datasheet
2Mb / 21P
    Wideband FM IF System
More results

유사한 설명 - MC13156

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com