전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13156FB 데이터시트(PDF) 9 Page - Motorola, Inc

부품명 MC13156FB
상세설명  Wideband FM IF System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13156FB 데이터시트(HTML) 9 Page - Motorola, Inc

Back Button MC13156FB Datasheet HTML 5Page - Motorola, Inc MC13156FB Datasheet HTML 6Page - Motorola, Inc MC13156FB Datasheet HTML 7Page - Motorola, Inc MC13156FB Datasheet HTML 8Page - Motorola, Inc MC13156FB Datasheet HTML 9Page - Motorola, Inc MC13156FB Datasheet HTML 10Page - Motorola, Inc MC13156FB Datasheet HTML 11Page - Motorola, Inc MC13156FB Datasheet HTML 12Page - Motorola, Inc MC13156FB Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MC13156
9
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
Figure 14. Data Slicer Circuit
64 k
9
15
19
18
16
17
VCC
VEE
64 k
64 k
16 k
16 k
32 k
36 k
36 k
8.0 k
8.0 k
Q10
Q8
Q17
Q18
Q19
Q16
Q20
Q12
Q13
Q4
Q9
Q11
Q2
Q1
Q3
Q5
Q7
Q6
Q14
Q15
DS Gnd
DS Hold
Data Out
DS In
Input Diode
Clamp Circuit
(Q1 to Q9)
Voltage
Regulator
(Q10, Q11)
Differential
Input Amplifier
(Q12, Q13)
Driver and
Output Circuit
(Q14, Q20)
150
0.6
0.5
V15, INPUT VOLTAGE (Vdc)
Figure 15. Data Slicer Input/Output Currents
versus Input Voltage
V15, INPUT VOLTAGE (Vdc)
Figure 16. Data Slicer Input Current
versus Input Voltage
VEE = –3.0 Vdc
V18 = 0 Vdc
(No Hold)
0.3
0.1
–0.1
–0.3
–0.5
0.8
1.0
1.2
100
50
0
–50
–100
VEE = –3.0 Vdc
–1.0
–0.5
0
0.5
1.0
1.5
2.0
No Hold
V18 = 0 Vdc
1.4
1.6
1.8
2.5
1.5
0.5
–0.5
–1.5
–2.5
Output Current
(I17)
Hold
V18 ≥ 1O
2.5
3.0
No Hold
Hold
Input Current
(I15)


유사한 부품 번호 - MC13156FB

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC13156FB LANSDALE-MC13156FB Datasheet
3Mb / 21P
   Wideband FM IF System
MC13156FB LANSDALE-MC13156FB Datasheet
2Mb / 21P
    Wideband FM IF System
More results

유사한 설명 - MC13156FB

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com