전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7F3704 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7F3704
상세설명  HEXFET짰 POWER MOSFET THRU-HOLE (TO-39) 20V, N-CHANNEL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7F3704 데이터시트(HTML) 6 Page - International Rectifier

  IRF7F3704 Datasheet HTML 1Page - International Rectifier IRF7F3704 Datasheet HTML 2Page - International Rectifier IRF7F3704 Datasheet HTML 3Page - International Rectifier IRF7F3704 Datasheet HTML 4Page - International Rectifier IRF7F3704 Datasheet HTML 5Page - International Rectifier IRF7F3704 Datasheet HTML 6Page - International Rectifier IRF7F3704 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF7F3704
6
www.irf.com
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
4.5V
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
.
VGS
tp
V(BR)DSS
IAS
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
25
50
75
100
125
150
0
100
200
300
400
500
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
5.4A
7.6A
12A


유사한 부품 번호 - IRF7F3704

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7F3704 IRF-IRF7F3704 Datasheet
182Kb / 7P
   Avalanche Energy Ratings
IRF7F3704 IRF-IRF7F3704_15 Datasheet
182Kb / 7P
   Avalanche Energy Ratings
More results

유사한 설명 - IRF7F3704

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5M3205SCV IRF-IRF5M3205SCV Datasheet
115Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (TO-254AA)
IRF7Y1405CM IRF-IRF7Y1405CM Datasheet
100Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (TO-257AA)
IRHF57230SE IRF-IRHF57230SE Datasheet
137Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39)
IRHF57234SE IRF-IRHF57234SE Datasheet
186Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF7430SE IRF-IRHF7430SE Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57214SE IRF-IRHF57214SE Datasheet
213Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597230 IRF-IRHF597230 Datasheet
124Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57034 IRF-IRHF57034 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF67230 IRF-IRHF67230 Datasheet
209Kb / 9P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF4130 IRF-IRHF4130 Datasheet
283Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com