|
| HAT2058R |
|
||
|
RENESAS |
|
6 page
HAT2058R/HAT2058RJ 6 0.1 0.3 1 3 10 30 100 010 20 30 40 50 2000 5000 1000 100 200 500 200 160 120 80 40 0 20 16 12 8 4 8 1624 3240 0 1000 500 50 100 20 10 200 1000 300 30 100 3 10 1 0.1 0.3 1 3 10 30 100 di / dt = 50 A / µs V = 0, Ta = 25 °C GS 10 20 50 V = 0 f = 1 MHz GS Ciss Coss Crss I = 4 A D VGS VDS V = 80V 50V 25V DD V = 80 V 50 V 25 V DD V = 10 V, V = 30 V PW = 5 µs, duty < 1 % GS DD t f r t d(on) t d(off) t Reverse Drain Current IDR (A) Body-Drain Diode Reverse Recovery Time Typical Capacitance vs. Drain to Source Voltage Drain to Source Voltage VDS (V) Gate Charge Qg (nc) Dynamic Input Characteristics Drain Current ID (A) Switching Characteristics |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| HAT3010R | Silicon N/P Channel Power MOS FET High Speed Power Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| H7N0608LD | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| HAT2114R | Silicon N Channel Power MOS FET High Speed Power Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| 2SK296 | SILICON N-CHANNEL MOS FET HIGH SPEED POWER SWITCHING | 1 | Hitachi Semiconductor |
| HAT2195R | Silicon N Channel Power MOS FET Power Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| HAT2160H | Silicon N Channel Power MOS FET Power Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| HAT2167H | Silicon N Channel Power MOS FET Power Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| HAT2171H | Silicon N Channel Power MOS FET Power Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| HAT2240C | Silicon N Channel MOS FET Power Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| UPA1572H | FAST SWITCHING N-CHANNEL SILICON POWER MOS FET ARRAY | 1 2 3 4 | NEC |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |