전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

XC6221 데이터시트(Datasheet) 15 Page - Torex Semiconductor

부품명 XC6221
상세내용  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo 

 15 page
background image
15/20
XC6221
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6221x182
0
10
20
30
40
50
60
70
01
23
45
6
Input Voltage:VIN (V)
Topr=85℃
Topr=25℃
Topr=-40℃
XC6221x302
0
10
20
30
40
50
60
70
01
23
45
6
Input Voltage:VIN (V)
Topr=85℃
Topr=25℃
Topr=-40℃
CE=VIN,、CIN=CL=1.0uF(ceramic)
CE=VIN、CIN=CL=1.0uF(ceramic)
XC6221B
0
200
400
600
800
1000
1200
-50
-25
0
25
50
75
100
Ambient Temperature: Topr (℃)
VIN=6.0V, CE=VSS, VOUT=4.0V
XC6221x302
2.5
2.6
2.7
2.8
2.9
3
3.1
Time (500usec/div)
0
50
100
150
200
250
300
XC6221x182
1.3
1.4
1.5
1.6
1.7
1.8
1.9
Time (500usec/div)
0
50
100
150
200
250
300
Output Current
Output Voltage
Output Voltage
Output Current
100mA
10mA
100mA
10mA
VIN=CE=4.0V, Tr=Tf=5usec
Topr=25℃, CIN=CL=1uF(ceramic)
VIN=CE=2.8V, Tr=Tf=5usec
Topr=25℃, CIN=CL=1uF(ceramic)
(5) Supply Current vs. Input Voltage
(7) Load Transient Response
(6) CL-Discharge Resistance vs. Ambient Temperature




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
XC62150.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch 1 2 3 4 5 MoreTorex Semiconductor
74VCXH16244Low Voltage 16-Bit Buffer/Line Driver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
MC100EP16VB3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1 2 3 4 5 MoreON Semiconductor
LMH6321300 mA High Speed Buffer with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
ADR360Low Power Low Noise Voltage References with Sink/Source Capability 1 2 3 4 5 MoreAnalog Devices
FSA4157Low Voltage 1OHM SPDT Analog Switch 1 2 3 4 5 MoreFairchild Semiconductor
74LCXH162244Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
NCP600High Performance Low-Power LDO Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
IS210Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities 1 2 3 ISOCOM COMPONENTS

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl