전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

XC6221 데이터시트(Datasheet) 3 Page - Torex Semiconductor

부품명 XC6221
상세내용  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo 

 
 3 page
background image
3/20
XC6221
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: CE High Active, no CL discharge resistor
Type of Regulator
B
: CE High Active, with CL discharge resistor
Output Voltage
08 ~ 40
: ex.) VOUT(T) = 3.0V → ② = 3, ③ = 0
: 100mV increments,
When 0.8V≦VOUT(T)≦1.40V: VOUT(T)+30mV
ex.) 0.8V → ②=0, ③=8, ④=2
2
: 100mV increments,
When VOUT(T)>1.5V: +2%
ex.) 1.5V → ②=1, ③=5, ④=2
: 50mV increments,
When 0.85V≦VOUT(T)≦1.45V: VOUT(T)+30mV
ex.) 0.85V → ②=0, ③=8, ④=A
A
: 50mV increments,
When VOUT(T)>1.55V: +2%
ex.) 1.55V → ②=1, ③=5, ④=A
: 100mV increments,
When 0.8V≦VOUT(T)≦1.90V in HS mode: VOUT(T)+20mV
ex.) 0.8V → ②=0, ③=8, ④=1
1
: 100mV increments,
When VOUT(T)>2.0V: +1%
ex.) 2.0V → ②=2, ③=0, ④=1
: 50mV increments,
When 0.85V≦VOUT(T)≦1.95V: VOUT(T)+20mV
ex.) 0.85V → ②=0, ③=8, ④=B
Output Accuracy
B
: 50mV increments,
When VOUT(T)>2.0V: +1%
ex.) 2.05V → ②=2, ③=0, ④=B
G
: USP-4
M
: SOT-25
Package
N
: SSOT-24
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PRODUCT CLASSIFICATION
Ordering Information
XC6221 ①②③④⑤⑥




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
XC62150.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch 1 2 3 4 5 MoreTorex Semiconductor
74VCXH16244Low Voltage 16-Bit Buffer/Line Driver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
MC100EP16VB3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1 2 3 4 5 MoreON Semiconductor
LMH6321300 mA High Speed Buffer with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
ADR360Low Power Low Noise Voltage References with Sink/Source Capability 1 2 3 4 5 MoreAnalog Devices
FSA4157Low Voltage 1OHM SPDT Analog Switch 1 2 3 4 5 MoreFairchild Semiconductor
74LCXH162244Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
NCP600High Performance Low-Power LDO Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
IS210Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities 1 2 3 ISOCOM COMPONENTS

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl