전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8339 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8339
상세설명  Quad I/Q Demodulator And Phase Shifter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8339 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8339 Datasheet HTML 7Page - Analog Devices AD8339 Datasheet HTML 8Page - Analog Devices AD8339 Datasheet HTML 9Page - Analog Devices AD8339 Datasheet HTML 10Page - Analog Devices AD8339 Datasheet HTML 11Page - Analog Devices AD8339 Datasheet HTML 12Page - Analog Devices AD8339 Datasheet HTML 13Page - Analog Devices AD8339 Datasheet HTML 14Page - Analog Devices AD8339 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Preliminary
Technical Data
AD8339
Rev. PrA | Page 11 of 15
current mirror. An external transimpedance amplifier is needed
to convert the I and Q outputs to voltages.
Table 4. Phase Select Code for Channel-to-Channel Phase
Shift
φ-Shift
PHx3 (MSB)
PHx2
PHx1
PHx0 (LSB)
0
0
0
0
22.5º
0
0
0
1
45º
0
0
1
0
67.5º
0
0
1
1
90º
0
1
0
0
112.5º
0
1
0
1
135º
0
1
1
0
157.5º
0
1
1
1
180º
1
0
0
0
202.5º
1
0
0
1
225º
1
0
1
0
247.5º
1
0
1
1
270º
1
1
0
0
292.5º
1
1
0
1
315º
1
1
1
0
337.5º
1
1
1
1
DYNAMIC RANGE AND NOISE
Figure 2 is an interconnection block diagram of two channels
(1/2 of the AD8339), more channels are easily added to the
summation (up to 16 when using an AD8021 as the summation
amplifier) by wire-or connecting the outputs as shown for two
channels. For optimum system noise performance, the RF
input signal is provided by a very low noise amplifier such as
the LNA of the AD8332/AD8334 or the preamplifier of the
AD8335. In beamformer applications, the I and Q outputs of a
number of receiver channels are summed (for example, the two
channels illustrated in Figure 2). The dynamic range of the
system increases by the factor 10log10(N), where N is the
number of channels (assuming random uncorrelated noise.)
The noise in the two channel example of Figure 2 is increased
by 3 dB while the signal doubles (+6 dB), yielding an aggregate
SNR improvement of (+6 − 3) = +3 dB. For four channels the
dynamic range will increase by +6 dB and so on.
Judicious selection of the RF amplifier ensures the least
degradation in dynamic range. The input referred spectral
voltage noise density (en) of the AD8339 is nominally about
TBD
nV/√Hz. For the noise of the AD8339 to degrade the
system noise figure (NF) by 1 dB, the combined noise of the
source and the LNA should be about twice that of the AD8339
or TBD nV/√Hz. If the noise of the circuitry before the AD8339
is less than TBD nV/√Hz then the system NF degrades more
than 1 dB. For example, if the noise contribution of the LNA
and source is equal to the AD8339, or TBD nV/√Hz, the
degradation is 3 dB. If the circuit noise preceding the AD8339 is
1.3× as large as that of the AD8339 (or about TBD nV/√Hz) the
degradation is 2 dB. For a circuit noise 1.45× that of the
AD8339 (TBD nV/√Hz) the degradation is 1.5 dB.
To determine the input referred noise it is important to know the
active low pass filter (LPF) values RFILT and CFILT, shown in Figure 2.
Typical filter values for a single channel are 1.58 kΩ and 1 nF, and
implement a 100 kHz single-pole LPF. In the case that two channels
are summed as is done on the evaluation board, the values would
be the same as for a single channel of the AD8333, namely 787 Ω
and 2.2 nF.
If the RF and LO are offset by 10 kHz, the demodulated signal is 10
kHz and is passed by the LPF. The single-channel mixing gain,
from the RF input to the AD8021 output (for example, I1´, Q1´) is
approximately 1.7 (4.7 dB). This together with the TBD nV/√Hz of
AD8339 noise results in about TBD nV/√Hz at the AD8021
output. Since the AD8021, including the 1.58 kΩ feedback resistor,
contributes another 6.3 nV/√Hz, the total output referred noise is
about TBD nV/√Hz. This value can be adjusted by increasing the
filter resistor while maintaining the corner frequency, thereby
increasing the gain. The factor limiting the magnitude of the gain is
the output swing and drive capability of the op-amp selected for the
I-to-V converter, in this instance the AD8021.
Because any amplifier has limited drive capability there will be a
finite number of channels that can be summed. This is explained in
great detail in the section below called – Channel Summing.


유사한 부품 번호 - AD8339

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
   DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
More results

유사한 설명 - AD8339

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
   DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8333 AD-AD8333 Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
   I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
M/A-COM Technology Solu...
MAMO-000900-1291LT MA-COM-MAMO-000900-1291LT Datasheet
193Kb / 7P
   I/Q Modulator/Demodulator
logo
BOWEI Integrated Circui...
IVM4-30 BOWEI-IVM4-30 Datasheet
245Kb / 1P
   IVM4 series I/Q Demodulator
IVM2-30 BOWEI-IVM2-30 Datasheet
270Kb / 1P
   IVM2 series I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com