전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2004A 데이터시트(PDF) 4 Page - Allegro MicroSystems

부품명 ULN2004A
상세설명  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ULN2004A 데이터시트(HTML) 4 Page - Allegro MicroSystems

  ULN2004A Datasheet HTML 1Page - Allegro MicroSystems ULN2004A Datasheet HTML 2Page - Allegro MicroSystems ULN2004A Datasheet HTML 3Page - Allegro MicroSystems ULN2004A Datasheet HTML 4Page - Allegro MicroSystems ULN2004A Datasheet HTML 5Page - Allegro MicroSystems ULN2004A Datasheet HTML 6Page - Allegro MicroSystems ULN2004A Datasheet HTML 7Page - Allegro MicroSystems ULN2004A Datasheet HTML 8Page - Allegro MicroSystems ULN2004A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2003 THRU 2024
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Test
Applicable
Limits
Characteristic
Symbol
Fig.
Devices
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
1AA
ll
VCE = 95 V, TA = 25°C
< 1
50
µA
VCE = 95 V, TA = 70°C
< 1
100
µA
1B
ULN2024A/L
VCE = 95 V, TA = 70°C, VIN = 1.0 V
< 5
500
µA
Collector-Emitter
VCE(SAT)
2All
IC = 100 mA, IB = 250 µA—
0.9
1.1
V
Saturation Voltage
lC = 200 mA, IB = 350 µA—
1.1
1.3
V
IC = 350 mA, IB = 500 µA—
1.3
1.6
V
Input Current
IIN(ON)
3
ULN2023A/L
VIN = 3.85 V
0.93
1.35
mA
ULN2024A/L
VIN = 5.0 V
0.35
0.5
mA
VIN = 12 V
1.0
1.45
mA
IIN(OFF)
4All
lC = 500 µA, TA = 70°C50
65
µA
Input Voltage
VIN(ON)
5
ULN2023A/L
VCE = 2.0 V, lC = 200 mA—
2.4
V
VCE = 2.0 V, IC = 250 mA—
2.7
V
VCE = 2.0 V, lC = 300 mA—
3.0
V
ULN2024A/L
VCE = 2.0 V, lC = 125 mA—
5.0
V
VCE = 2.0 V, lC = 200 mA—
6.0
V
VCE = 2.0 V, IC = 275 mA—
7.0
V
VCE = 2.0 V, lC = 350 mA—
8.0
V
Input Capacitance
CIN
—All
15
25
pF
Turn-On Delay
tPLH
8
All
0.5 EIN to 0.5 EOUT
0.25
1.0
µs
Turn-Off Delay
tPHL
8
All
0.5 EIN to 0.5 EOUT
0.25
1.0
µs
Clamp Diode
IR
6All
VR = 95 V, TA = 25°C—
50
µA
Leakage Current
VR = 95 V, TA = 70°C
100
µA
Clamp Diode
VF
7All
IF = 350 mA—
1.7
2.0
V
Forward Voltage
Complete part number includes suffix to identify package style: A = DIP, L = SOIC.
Types ULN2023A, ULN2023L, ULN2024A, and ULN2024L
ELECTRICAL CHARACTERISTICS at +25
°C (unless otherwise noted).


유사한 부품 번호 - ULN2004A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ULN2004A STMICROELECTRONICS-ULN2004A Datasheet
62Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Texas Instruments
ULN2004A TI-ULN2004A Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
STMicroelectronics
ULN2004A STMICROELECTRONICS-ULN2004A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
ULN2004A STMICROELECTRONICS-ULN2004A Datasheet
930Kb / 16P
   Seven Darlington array
logo
Texas Instruments
ULN2004A TI-ULN2004A Datasheet
513Kb / 19P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results

유사한 설명 - ULN2004A

제조업체부품명데이터시트상세설명
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
   High-Voltage, High-Current Darlington Arrays
logo
Allegro MicroSystems
A2001 ALLEGRO-A2001 Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
logo
Leshan Radio Company
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
   High-Voltage, High - Current Darlington Arrays
logo
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
ULN-7000A ETC2-ULN-7000A Datasheet
684Kb / 32P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2002A LRC-LR2002A Datasheet
280Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Allegro MicroSystems
A2803 ALLEGRO-A2803 Datasheet
272Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com