전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3L500RHUR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3L500RHUR
상세설명  16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3L500RHUR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TS3L500RHUR Datasheet HTML 5Page - Texas Instruments TS3L500RHUR Datasheet HTML 6Page - Texas Instruments TS3L500RHUR Datasheet HTML 7Page - Texas Instruments TS3L500RHUR Datasheet HTML 8Page - Texas Instruments TS3L500RHUR Datasheet HTML 9Page - Texas Instruments TS3L500RHUR Datasheet HTML 10Page - Texas Instruments TS3L500RHUR Datasheet HTML 11Page - Texas Instruments TS3L500RHUR Datasheet HTML 12Page - Texas Instruments TS3L500RHUR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TS3L500
16BIT TO 8BIT SPDT GIGABIT LAN SWITCH
WITH LED SWITCH
SCDS212B − SEPTEMBER 2005 − REVISED APRIL 2006
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Skew
CL
(see Note A)
TEST CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
VOH
VOL
VOLTAGE WAVEFORMS
OUTPUT SKEW (tsk(o))
Data Out at
YB1 or YB2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
50
VG1
VCC
DUT
50
VIN
50
VG2
50
VI
TEST
RL
S1
CL
3.3 V
± 0.3 V
VCC
Vin
tsk(p)
tsk(o)
3.3 V
± 0.3 V
Open
Open
200
200
VCC or GND
VCC or GND
10 pF
10 pF
Input Generator
Input Generator
VO
(VOH + VOL)/2
VOH
VOL
Data Out at
XB1 or XB2
(VOH + VOL)/2
3.5 V
1.5 V
Data In at
Ax or Ay
2.5 V
tPLHx
tPHLx
tsk(o)
tsk(o)
tPLHy
tPHLy
tsk(o) = |tPLHy − tPLHx| or |tPHLy − tPHLx|
VOH
VOL
VOLTAGE WAVEFORMS
PULSE SKEW [tsk(p)]
Output
(VOH + VOL)/2
Input
2.5 V
tPLH
tPHL
tsk(p) = |tPHL − tPLH|
3.5 V
1.5 V
VO
VI
VO
Figure 6. Test Circuit and Voltage Waveforms


유사한 부품 번호 - TS3L500RHUR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3L500RHUR TI-TS3L500RHUR Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500RHURG4 TI-TS3L500RHURG4 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
More results

유사한 설명 - TS3L500RHUR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
logo
Texas Instruments
TS3L301 TI-TS3L301 Datasheet
252Kb / 16P
[Old version datasheet]   16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
TS3L301 TI-TS3L301_07 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
   16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
November 2011 Rev 3
logo
Texas Instruments
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com