전자부품 데이터시트 검색엔진 |
|
74LVX573TTR 데이터시트(PDF) 2 Page - STMicroelectronics |
|
74LVX573TTR 데이터시트(HTML) 2 Page - STMicroelectronics |
2 / 10 page 74LVX573 2/10 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE X : Don’t Care Z : High Impedance * : Q Outputs are Latched at the time when the LE INPUT is taken low logic level LOGIC DIAGRAM This logic diagram has not be used to estimate propagation delays PIN No SYMBOL NAME AND FUNCTION 1OE 3 State Output Enable Input (Active LOW) 2, 3, 4, 5, 6, 7, 8, 9 D0 to D7 Data Inputs 12, 13, 14, 15, 16, 17, 18, 19 Q0 to Q7 3-State Latch Outputs 11 LE Latch Enable Input 10 GND Ground (0V) 20 VCC Positive Supply Voltage INPUTS OUTPUT OE LE D Q H XXZ L L X NO CHANGE* LHL L LH H H |
유사한 부품 번호 - 74LVX573TTR |
|
유사한 설명 - 74LVX573TTR |