전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7488R10KT2L.30 데이터시트(PDF) 1 Page - Bi technologies

부품명 7488R10KT2L.30
상세설명  7/8 Diameter 5-Turn Wirewound Precision Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BITECH [Bi technologies]
홈페이지  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7488R10KT2L.30 데이터시트(HTML) 1 Page - Bi technologies

  7488R10KT2L.30 Datasheet HTML 1Page - Bi technologies 7488R10KT2L.30 Datasheet HTML 2Page - Bi technologies 7488R10KT2L.30 Datasheet HTML 3Page - Bi technologies 7488R10KT2L.30 Datasheet HTML 4Page - Bi technologies 7488R10KT2L.30 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2
2-109
Model 7480 Series
MODEL 7480 SERIES
7/8” Diameter
5–Turn
Wirewound
Precision Potentiometer
ELECTRICAL
Resistance Range, Ohms
100 to 50K
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±1%
Independent Linearity
±0.25%
Minimum Practical Independent Linearity
±0.25%, < 500 Ohms
±0.20%,
≥ 500 Ohms
Power Rating, Watts
1.5 at 70°C derating to 0 at 125°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Noise, Maximum
100 Ohms
Actual Electrical Travel
1080° + 10° – 0°, > 100 Ohms
1080° + 10° – 5°,
≤ 100 Ohms
Tap Tolerance
±3°
End Voltage, Maximum
0.25% of input voltage
MODEL STYLES
7481
1/8” Shaft, 1/4” Bushing
7483
1/8” Shaft, Servo
7486
1/4” Shaft, 3/8” Bushing
7488 (for heavy side load applications) NEW PRODUCT
1/4” Shaft, 3/8” Bushing
Specifications subject to change without notice.
ENVIRONMENTAL (MIL-R-12934)
Operating Temperature Range
Static: –55°C to +125°C
Dynamic: –40°C to +125°C
Thermal Shock
5 cycles, –55°C to +125°C (5%
∆R)
Shock, 6ms Sawtooth
100G’s (0.1ms discontinuity max.)
Vibration
15G’s, 10 to 2,000 Hz (5%
∆R, 0.1ms discontinuity max.)
Moisture Resistance
Five 24 hour cycles (3%
∆R)
High Temperature Exposure
1,000 hours at 125°C (5%
∆R)
Rotational Load Life
500K shaft rev. + 900 hrs. at rated wattage at 70°C (5%
∆R)
Rotational Life Model 7488 (1 pound Side Load)
500K shaft rev. + 900 hrs. at rated wattage at 70°C (5%
∆R)


유사한 부품 번호 - 7488R10KT2L.30

제조업체부품명데이터시트상세설명
logo
Bi technologies
7488 BITECH-7488 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
Molex Electronics Ltd.
74880-XXXX MOLEX-74880-XXXX Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
logo
FCI connector
74883-005 FCI-CONNECTOR-74883-005 Datasheet
132Kb / 2P
   FIBER OPTIC ADAPTERS
74883-006 FCI-CONNECTOR-74883-006 Datasheet
132Kb / 2P
   FIBER OPTIC ADAPTERS
74883-102 FCI-CONNECTOR-74883-102 Datasheet
132Kb / 2P
   FIBER OPTIC ADAPTERS
More results

유사한 설명 - 7488R10KT2L.30

제조업체부품명데이터시트상세설명
logo
Bi technologies
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com