전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8800 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN8800
상세설명  Single IGBT Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8800 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN8800 Datasheet HTML 2Page - Fairchild Semiconductor FAN8800 Datasheet HTML 3Page - Fairchild Semiconductor FAN8800 Datasheet HTML 4Page - Fairchild Semiconductor FAN8800 Datasheet HTML 5Page - Fairchild Semiconductor FAN8800 Datasheet HTML 6Page - Fairchild Semiconductor FAN8800 Datasheet HTML 7Page - Fairchild Semiconductor FAN8800 Datasheet HTML 8Page - Fairchild Semiconductor FAN8800 Datasheet HTML 9Page - Fairchild Semiconductor FAN8800 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FAN8800 (KA3162)
6
Electrical Characteristics (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
LOGIC INPUT
High Input Threshold Voltage
VIH
--
2.7
3.2
V
Low Input Threshold Voltage
VIL
-1.2
2.3
-
DRIVE OUTPUT
Low Output Voltage
VOL
Isink=1.0A
-
2.0
2.4
V
High Output Voltage
VOH
Isource=500mA
12
14
-
FAULT OUTPUT
Low Fault Output Voltage
VFL
Isink=5.0A
-
0.2
1.0
V
High Fault Output Voltage
VFH
Isource=20mA
11
13.5
-
UVLO
Start-up Voltage
VCCST
-11
11.5
12
V
Disable Voltage
VCCDI
-10
10.5
11
V
UVLO Hysteresis
HY
-0.9
1.0
11.1
V
DESATURATION INPUT
De-saturation Current Source
ICHG
Vin=0V, VDESAT=0V
210
300
380
µA
Discharge Current
IDSCHG
Vin=Vcc, VDESAT=Vcc
1.0
2.5
-
mA
OCP and SCP
OCP Voltage Reference
VOCP
-
4.0
4.5
5.0
µA
SCP Voltage Reference
VSCP
-
5.8
6.5
7.3
mA
POWER SUPPLY
Standby Current
ICCST
Vin = High, Output open
-
14
20
mA
Operating Current
ICCOP
CL=1.0nF, f=20kHz
-
20
30
mA
Propagation Delay Time to High
Output Level
TPLH
Rg=0, CL=1.0nF
f=10kHz, Duty Cycle=50%
-
0.35
0.7
µs
Propagation Delay Time to Low
Output Level
TPHL
-
0.35
0.7
µs
Rise Time
Tr
-
50
100
ns
Fall Time
Tf
-
50
100
ns
OCP Delay Time
TOCP
50
80
120
µs
SCP Delay Time
TSCP
-0.3
1.0
µs
Fault Output Duration Time
TDUR
Cdur=2.7nF
100
170
320
µs
Slow turn-off time
TSLOW
CL=4.7nF
0.8
2.0
5.0
µs


유사한 부품 번호 - FAN8800

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811MNTXG ONSEMI-FAN8811MNTXG Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
FAN8811TMPX ONSEMI-FAN8811TMPX Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
FAN8811TMPX ONSEMI-FAN8811TMPX Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
More results

유사한 설명 - FAN8800

제조업체부품명데이터시트상세설명
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
   Single IGBT Gate Driver
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_06 Datasheet
131Kb / 13P
   Single IGBT Gate Driver
July, 2006 ??Rev. 5
logo
KODENSHI_AUK CORP.
KK33153 KODENSHI-KK33153 Datasheet
110Kb / 4P
   SINGLE IGBT GATE DRIVER
logo
ON Semiconductor
MC33153 ONSEMI-MC33153 Datasheet
189Kb / 12P
   SINGLE IGBT GATE DRIVER
1998 REV 2
logo
Integral Corp.
IL33153 INTEGRAL-IL33153 Datasheet
124Kb / 3P
   SINGLE IGBT GATE DRIVER
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_13 Datasheet
168Kb / 14P
   Single IGBT Gate Driver
August, 2013 ??Rev. 8
logo
Motorola, Inc
MC33154 MOTOROLA-MC33154 Datasheet
201Kb / 12P
   SINGLE IGBT HIGH CURRENT GATE DRIVER
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
   IGBT GATE DRIVER
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
   IGBT Gate Driver
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
   IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com