전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5941DU 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI5941DU
상세설명  Dual P-Channel 8-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5941DU 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI5941DU Datasheet HTML 1Page - Vishay Siliconix SI5941DU Datasheet HTML 2Page - Vishay Siliconix SI5941DU Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Vishay Siliconix
SPICE Device Model Si5941DU
www.vishay.com
Document Number: 74132
S-52019
⎯Rev. A, 03-Oct-05
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250μA
0.80
V
On-State Drain Current
a
ID(on)
VDS ≤ −5V, VGS = −4.5V
54
A
VGS = −4.5V, ID = −3.6 A
0.058
0.055
VGS = −2.5V, ID = −2.9 Α
0.083
0.086
Drain-Source On-State Resistance
a
rDS(on)
VGS = −1.8V, ID = −0.66 Α
0.114
0.125
Ω
Forward Transconductance
a
gfs
VDS = −4V, ID = −3.6 A
9
8
S
Diode Forward Voltage
a
VSD
IS = −1A, VGS = 0 V
−0.80
−0.80
V
Dynamic
b
Input Capacitance
Ciss
589
700
Output Capacitance
Coss
103
325
Reverse Transfer Capacitance
Crss
VDS = −4 V, VGS = 0 V, f = 1 MHz
57
220
pF
VDS = −4 V, VGS = −8 V, ID = −5 A
9.5
11
Total Gate Charge
Qg
5.7
6.5
Gate-Source Charge
Qgs
1.3
1.3
Gate-Drain Charge
Qgd
VDS = −4 V, VGS = −4.5 V, ID = −5 A
1.5
1.5
nC
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.


유사한 부품 번호 - SI5941DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI5943DU VISHAY-SI5943DU Datasheet
108Kb / 7P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI5943DU VISHAY-SI5943DU_V01 Datasheet
108Kb / 7P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI5944DU VISHAY-SI5944DU Datasheet
173Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. B, 23-Jun-08
SI5944DU-T1-GE3 VISHAY-SI5944DU-T1-GE3 Datasheet
173Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. B, 23-Jun-08
More results

유사한 설명 - SI5941DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5915BDC VISHAY-SI5915BDC Datasheet
115Kb / 7P
   Dual P-Channel 8-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI3905DV VISHAY-SI3905DV Datasheet
77Kb / 5P
   Dual P-Channel 8-V (D-S) MOSFET
Rev. A, 13-Sep-99
SI3905DV VISHAY-SI3905DV_V01 Datasheet
107Kb / 6P
   Dual P-Channel 8-V (D-S) MOSFET
01-Jan-2022
SI5905BDC VISHAY-SI5905BDC Datasheet
114Kb / 7P
   Dual P-Channel 8-V (D-S) MOSFET
Rev. A, 09-Jul-07
SI1315DL-T1-GE3 VISHAY-SI1315DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 29-Nov-10
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com