전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25LF040A-33-4C-SAE 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SST25LF040A-33-4C-SAE
상세설명  2 Mbit / 4 Mbit SPI Serial Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25LF040A-33-4C-SAE 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST25LF040A-33-4C-SAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25LF040A-33-4C-SAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25LF040A-33-4C-SAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25LF040A-33-4C-SAE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25LF040A-33-4C-SAE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25LF040A-33-4C-SAE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25LF040A-33-4C-SAE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25LF040A-33-4C-SAE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25LF040A-33-4C-SAE Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Data Sheet
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A / SST25LF040A
©2006 Silicon Storage Technology, Inc.
S71242-05-000
1/06
High-Speed-Read (33 MHz)
The High-Speed-Read instruction supporting up to 33 MHz
is initiated by executing an 8-bit command, 0BH, followed
by address bits [A23-A0] and a dummy byte. CE# must
remain active low for the duration of the High-Speed-Read
cycle. See Figure 5 for the High-Speed-Read sequence.
Following a dummy byte (8 clocks input dummy cycle), the
High-Speed-Read instruction outputs the data starting from
the specified address location. The data output stream is
continuous through all addresses until terminated by a low
to high transition on CE#. The internal address pointer will
automatically increment until the highest memory address
is reached. Once the highest memory address is reached,
the address pointer will automatically increment to the
beginning (wrap-around) of the address space, i.e. for
4 Mbit density, once the data from address location
07FFFFH has been read, the next output will be from
address location 000000H.
FIGURE 5: HIGH-SPEED-READ SEQUENCE
1242 F05.0
CE#
SO
SI
SCK
ADD.
012 3 4 5
6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
Note: X = Dummy Byte: 8 Clocks Input Dummy Cycle (VIL or VIH)


유사한 부품 번호 - SST25LF040A-33-4C-SAE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
SST25LF020A-33-4C-QAE SST-SST25LF020A-33-4C-QAE Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
SST25LF020A-33-4C-SAE SST-SST25LF020A-33-4C-SAE Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
SST25LF020A-33-4E-QAE SST-SST25LF020A-33-4E-QAE Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
SST25LF020A-33-4E-SAE SST-SST25LF020A-33-4E-SAE Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
More results

유사한 설명 - SST25LF040A-33-4C-SAE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com